Electronic Components Datasheet Search
  English  ▼

X  

TLC5926IPWPR Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5926IPWPR
Description  16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5926IPWPR Datasheet(HTML) 18 Page - Texas Instruments

Back Button TLC5926IPWPR Datasheet HTML 14Page - Texas Instruments TLC5926IPWPR Datasheet HTML 15Page - Texas Instruments TLC5926IPWPR Datasheet HTML 16Page - Texas Instruments TLC5926IPWPR Datasheet HTML 17Page - Texas Instruments TLC5926IPWPR Datasheet HTML 18Page - Texas Instruments TLC5926IPWPR Datasheet HTML 19Page - Texas Instruments TLC5926IPWPR Datasheet HTML 20Page - Texas Instruments TLC5926IPWPR Datasheet HTML 21Page - Texas Instruments TLC5926IPWPR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
Open-Circuit Detection Principle
Short-Circuit Detection Principle (TLC5927 Only)
Overtemperature Detection and Shutdown
TLC5926, TLC5927
SLVS677 – JULY 2008 ....................................................................................................................................................................................................... www.ti.com
The LED Open-Circuit Detection compares the effective current level IOUT with the open load detection threshold
current IOUT,Th. If IOUT is below the IOUT,Th threshold, the TLC5926/TLC5927 detects an open-load condition. This
error status can be read as an error status code in the Special mode. For open-circuit error detection, a channel
must be on.
Table 1. Open-Circuit Detection
CONDITION OF
STATE OF OUTPUT PORT
ERROR STATUS CODE
MEANING
OUTPUT CURRENT
Off
IOUT = 0 mA
0
Detection not possible
IOUT < IOUT,Th
(1)
0
Open circuit
On
IOUT ≥ IOUT,Th
(1)
Channel n error status bit 1
Normal
(1)
IOUT,Th = 0.5 × IOUT,target (typical)
The LED short-circuit detection compares the effective voltage level VOUT with the shorted-load detection
threshold voltages VOUT,TTh and VOUT,RTh. If VOUT is above the VOUT,TTh threshold, the TLC5927 detects an
shorted-load condition. If the VOUT is below VOUT,RTh threshold, no error is detected and the error bit is reset. This
error status can be read as an error status code in the Special mode. For short-circuit error detection, a channel
must be on.
Table 2. Short-Circuit Detection
CONDITION OF
STATE OF OUTPUT PORT
ERROR STATUS CODE
MEANING
OUTPUT VOLTAGE
Off
IOUT = 0 mA
0
Detection not possible
VOUT < VOUT,TTh
(1)
0
Short circuit
On
VOUT < VOUT,RTh
(1)
Channel n error status bit 1
Normal
(1)
IOUT,Th = 0.5 × IOUT,target (typical)
The TLC5926/TLC5927 is equipped with a global overtemperature sensor and 16 individual, channel-specific
overtemperature sensors.
• When the global sensor reaches the trip temperature, all output channels are shutdown, and the error status
is stored in the internal Error Status register of every channel. After shutdown, the channels automatically
restart after cooling down, if the control signal (output latch) remains on. The stored error status is not reset
after cooling down and can be read out as the error status code in the Special mode.
• When one of the channel-specific sensors reaches trip temperature, only the affected output channel is shut
down, and the error status is stored only in the internal Error Status register of the affected channel. After
shutdown, the channel automatically restarts after cooling down, if the control signal (output latch) remains
on. The stored error status is not reset after cooling down and can be read out as error status code in the
Special mode.
For channel-specific overtemperature error detection, a channel must be on.
The error status code is reset when the TLC5926/TLC5927 returns to Normal mode.
18
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TLC5926 TLC5927



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com