Electronic Components Datasheet Search
  English  ▼

X  

TLC5926IPWPR Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5926IPWPR
Description  16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5926IPWPR Datasheet(HTML) 17 Page - Texas Instruments

Back Button TLC5926IPWPR Datasheet HTML 13Page - Texas Instruments TLC5926IPWPR Datasheet HTML 14Page - Texas Instruments TLC5926IPWPR Datasheet HTML 15Page - Texas Instruments TLC5926IPWPR Datasheet HTML 16Page - Texas Instruments TLC5926IPWPR Datasheet HTML 17Page - Texas Instruments TLC5926IPWPR Datasheet HTML 18Page - Texas Instruments TLC5926IPWPR Datasheet HTML 19Page - Texas Instruments TLC5926IPWPR Datasheet HTML 20Page - Texas Instruments TLC5926IPWPR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
Reading Error Status Code in Special Mode
1
2
3
1
0
0
0
1
0
0
0
0
0
0
0
0
0
0
0
1
1
1
0
CLK
OE(ED2)
LE(ED1)
SDO
Data source of
shift register
Error Detection
SDI
SDI
Error Status Code
Bit 15 Bit 14 Bit 13 Bit 12
>2 µs
Writing Configuration Code in Special Mode
1
2
3
0
4
12
13
14
15
1
0
CLK
OE(ED2)
LE(ED1)
SDI
16-Bit Configuration Code
Bit 15 Bit 14 Bit 13 Bit 12
Bit 3
Bit 2
Bit 1
Bit 0
TLC5926, TLC5927
www.ti.com ....................................................................................................................................................................................................... SLVS677 – JULY 2008
When OE(ED2) is pulled low while in Special mode, error detection and load error status codes are loaded into
the Shift Register, in addition to enabling output ports to sink current. Figure 13 shows the timing sequence for
error detection. The 0 and 1 signal levels are sampled at the rising edge of each CLK. At least three zeros must
be sampled at the voltage low signal OE(ED2). Immediately after the second 0 is sampled, the data input source
of the Shift Register changes to the 16-bit parallel Error Status Code register, instead of from the serial data on
SDI. Normally, the error status codes are generated at least 2
µs after the falling edge of OE(ED2). The
occurrence of the third or later 0 saves the detected error status codes into the Shift Register. Therefore, when
OE(ED2) is low, the serial data cannot be shifted into TLC5926/TLC5927 via SDI. When OE(ED2) is pulled high,
the data input source of the Shift Register is changed back to SDI. At the same time, the output ports are
disabled and the error detection is completed. Then, the error status codes saved in the Shift Register can be
shifted out via SDO bit-by-bit along with CLK, as well as the new serial data can be shifted into
TLC5926/TLC5927 via SDI.
While in Special mode, the TLC5926/TLC5927 cannot simultaneously transfer serial data and detect LED load
error status.
Figure 13. Reading Error Status Code
When in Special mode, the active high signal LE(ED1) latches the serial data in the Shift Register to the
Configuration Latch, instead of the Output Latch. The latched serial data is used as the Configuration Code.
The code is stored until power off or the Configuration Latch is rewritten. As shown in Figure 14, the timing for
writing the Configuration Code is the same as the timing in the Normal Mode to latching output channel data.
Both the Configuration Code and Error Status Code are transferred in the common 16-bit Shift Register. Users
must pay attention to the sequence of error detection and current adjustment to avoid the Configuration Code
being overwritten by Error Status Code.
Figure 14. Writing Configuration Code
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): TLC5926 TLC5927



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com