Electronic Components Datasheet Search
  English  ▼

X  

TL16CP754C Datasheet(PDF) 33 Page - Texas Instruments

Part # TL16CP754C
Description  QUAD UARTS WITH 64-BYTE FIFO
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL16CP754C Datasheet(HTML) 33 Page - Texas Instruments

Back Button TL16CP754C Datasheet HTML 29Page - Texas Instruments TL16CP754C Datasheet HTML 30Page - Texas Instruments TL16CP754C Datasheet HTML 31Page - Texas Instruments TL16CP754C Datasheet HTML 32Page - Texas Instruments TL16CP754C Datasheet HTML 33Page - Texas Instruments TL16CP754C Datasheet HTML 34Page - Texas Instruments TL16CP754C Datasheet HTML 35Page - Texas Instruments TL16CP754C Datasheet HTML 36Page - Texas Instruments TL16CP754C Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 49 page
background image
TL16CP754C, TL16CM754C, TL16C754C
www.ti.com
SLLS644E – DECEMBER 2007 – REVISED MAY 2010
Table 12. Line Control Register (LCR) Bit Settings
BIT NO.
BIT SETTINGS
Specifies the word length to be transmitted or received.
00 – 5 bits
1:0
01 – 6 bits
10
− 7 bits
11 – 8 bits
Specifies the number of stop bits:
0 – 1 stop bits (Word length = 5, 6, 7, 8)
2
1 – 1.5 stop bits (Word length = 5)
1 – 2 stop bits (Word length = 6, 7, 8) 3
0 = No parity
3
1 = A parity bit is generated during transmission and the receiver checks for received parity.
0 = Odd parity is generated (if LCR[3] = 1)
4
1 = Even parity is generated (if LCR[3] = 1)
Selects the forced parity format (if LCR(3) = 1)
5
If LCR[5] = 1 and LCR[4] = 0 the parity bit is forced to 1 in the transmitted and received data.
If LCR[5] = 1 and LCR[4] = 1 the parity bit is forced to 0 in the transmitted and received data.
Break control bit.
6
0 = Normal operating condition
1 = Forces the transmitter output to go low to alert the communication terminal.
0 = Normal operating condition
7
1 = Divisor latch enable
Line Status Register (LSR)
Table 13 shows line status register bit settings.
Table 13. Line Status Register (LSR) Bit Settings
BIT NO.
BIT SETTINGS
0 = No data in the receive FIFO
0
1 = At least one character in the RX FIFO
0 = No overrun error
1
1 = Overrun error has occurred.
0 = No parity error in data being read from RX FIFO
2
1 = Parity error in data being read from RX FIFO
0 = No framing error in data being read from RX FIFO
3
1 = Framing error occurred in data being read from RX FIFO (i.e., received data did not have a valid stop bit)
0 = No break condition
4
1 = A break condition occurred and associated byte is 00. (i.e., RX was low for at least one character time frame).
0 = Transmit hold register is NOT empty
5
1 = Transmit hold register is empty. The processor can now load up to 64 bytes of data into the THR if the TX FIFO is
enabled.
0 = Transmitter hold AND shift registers are not empty.
6
1 = Transmitter hold AND shift registers are empty.
0 = Normal operation
7
1 = At least one parity error, framing error or break indication are stored in the receiver FIFO. Bit 7 is cleared when no
errors are present in the FIFO.
When the LSR is read, LSR[4:2] reflects the error bits [BI, FE, PE] of the character at the top of the RX FIFO
(next character to be read). The LSR[4:2] registers do not physically exist, as the data read from the RX FIFO is
output directly onto the output data-bus, DI[4:2], when the LSR is read. Therefore, errors in a character are
identified by reading the LSR and then reading the RHR.
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Link(s): TL16CP754C TL16CM754C TL16C754C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com