Electronic Components Datasheet Search
  English  ▼

X  

TL16CP754C Datasheet(PDF) 18 Page - Texas Instruments

Part # TL16CP754C
Description  QUAD UARTS WITH 64-BYTE FIFO
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL16CP754C Datasheet(HTML) 18 Page - Texas Instruments

Back Button TL16CP754C Datasheet HTML 14Page - Texas Instruments TL16CP754C Datasheet HTML 15Page - Texas Instruments TL16CP754C Datasheet HTML 16Page - Texas Instruments TL16CP754C Datasheet HTML 17Page - Texas Instruments TL16CP754C Datasheet HTML 18Page - Texas Instruments TL16CP754C Datasheet HTML 19Page - Texas Instruments TL16CP754C Datasheet HTML 20Page - Texas Instruments TL16CP754C Datasheet HTML 21Page - Texas Instruments TL16CP754C Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 49 page
background image
TL16CP754C, TL16CM754C, TL16C754C
SLLS644E – DECEMBER 2007 – REVISED MAY 2010
www.ti.com
Figure 10 shows the crystal clock circuit reference.
A.
For crystal with fundamental frequency from 1 MHz to 24 MHz
B.
For input clock frequency higher then 24 MHz, the crystal is not allowed and the oscillator must be used, because the
'754C internal oscillator cell can only support the crystal frequency up to 24 MHz.
Figure 10. Typical Crystal Clock Circuits
18
Submit Documentation Feedback
Copyright © 2007–2010, Texas Instruments Incorporated
Product Folder Link(s): TL16CP754C TL16CM754C TL16C754C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com