Electronic Components Datasheet Search
  English  ▼

X  

TL16CP754C Datasheet(PDF) 10 Page - Texas Instruments

Part # TL16CP754C
Description  QUAD UARTS WITH 64-BYTE FIFO
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL16CP754C Datasheet(HTML) 10 Page - Texas Instruments

Back Button TL16CP754C Datasheet HTML 6Page - Texas Instruments TL16CP754C Datasheet HTML 7Page - Texas Instruments TL16CP754C Datasheet HTML 8Page - Texas Instruments TL16CP754C Datasheet HTML 9Page - Texas Instruments TL16CP754C Datasheet HTML 10Page - Texas Instruments TL16CP754C Datasheet HTML 11Page - Texas Instruments TL16CP754C Datasheet HTML 12Page - Texas Instruments TL16CP754C Datasheet HTML 13Page - Texas Instruments TL16CP754C Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
TL16CP754C, TL16CM754C, TL16C754C
SLLS644E – DECEMBER 2007 – REVISED MAY 2010
www.ti.com
Table 1. Software Flow Control Options EFR[3:0]
BIT 3
BIT 2
BIT 1
BIT 0
Tx, Rx SOFTWARE FLOW CONTROLS
0
0
X
X
No transmit flow control
1
0
X
X
Transmit Xon1, Xoff1
0
1
X
X
Transmit Xon2, Xoff2
1
1
X
X
Transmit Xon1, Xon2: Xoff1, Xoff2
X
X
0
0
No receive flow control
X
X
1
0
Receiver compares Xon1, Xoff1 X X 0 1
X
X
0
1
Receiver compares Xon2, Xoff2
Transmit Xon1, Xoff1
1
0
1
1
Receiver compares Xon1 or Xon2, Xoff1 or Xoff2
Transmit Xon2, Xoff2
0
1
1
1
Receiver compares Xon1 or Xon2, Xoff1 or Xoff2
Transmit Xon1, Xon2: Xoff1, Xoff2
1
1
1
1
Receiver compares Xon1 and Xon2: Xoff1 and Xoff2
No transmit flow control
0
0
1
1
Receiver compares Xon1 and Xon2: Xoff1 and Xoff2
When software flow control operation is enabled, the '754C compares incoming data with Xoff1/2 programmed
characters (in certain cases Xoff1 and Xoff2 must be received sequentially(1)). When an Xoff character is
received, transmission is halted after completing transmission of the current character. Xoff character detection
also sets IIR[4] and causes INT to go high (if enabled via IER[5]).
To resume transmission an Xon1/2 character must be received (in certain cases Xon1 and Xon2 must be
received sequentially). When the correct Xon characters are received IIR[4] is cleared and the Xoff interrupt
disappears.
NOTE
If a parity, framing or break error occurs while receiving a software flow control character,
this character is treated as normal data and is written to the RCV FIFO.
Xoff1/2 characters are transmitted when the RX FIFO has passed the programmed trigger level TCR[3:0].
Xon1/2 characters are transmitted when the RX FIFO reaches the trigger level programmed via TCR[7:4].
NOTE
If, after an Xoff character has been sent, software flow control is disabled, the UART
transmits Xon characters automatically to enable normal transmission to proceed. A
feature of the '754C UART design is that if the software flow combination (EFR[3:0])
changes after an Xoff has been sent, the originally programmed Xon is automatically sent.
If the RX FIFO is still above the trigger level the newly programmed Xoff1/2 is transmitted.
The transmission of Xoff/Xon(s) follows the exact same protocol as transmission of an ordinary byte from the
FIFO. This means that even if the word length is set to be 5, 6, or 7 characters, then the 5, 6, or 7 least
significant bits of Xoff1,2/Xon1,2 are transmitted. The transmission of 5, 6, or 7 bits of a character is seldom
done, but this functionality is included to maintain compatibility with earlier designs.
It is assumed that software flow control and hardware flow control are never enabled simultaneously. Figure 4
shows a software flow control example.
(1)
When pairs of Xon/Xoff characters are programmed to occur sequentially, received Xon1/Xoff1 characters will be written to the Rx FIFO
if the subsequent character is not Xon2/Xoff2.
10
Submit Documentation Feedback
Copyright © 2007–2010, Texas Instruments Incorporated
Product Folder Link(s): TL16CP754C TL16CM754C TL16C754C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com