Electronic Components Datasheet Search
  English  ▼

X  

CAT705 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CAT705
Description  關P Supervisory Circuits
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT705 Datasheet(HTML) 5 Page - ON Semiconductor

  CAT705 Datasheet HTML 1Page - ON Semiconductor CAT705 Datasheet HTML 2Page - ON Semiconductor CAT705 Datasheet HTML 3Page - ON Semiconductor CAT705 Datasheet HTML 4Page - ON Semiconductor CAT705 Datasheet HTML 5Page - ON Semiconductor CAT705 Datasheet HTML 6Page - ON Semiconductor CAT705 Datasheet HTML 7Page - ON Semiconductor CAT705 Datasheet HTML 8Page - ON Semiconductor CAT705 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
CAT705, CAT706, CAT813
© 2010 SCILLC. All rights reserved.
5
Doc. No. MD-3030, Rev. D
Characteristics subject to change without notice
ELECTRICAL OPERATING CHARACTERISTICS (continued)
Typical values at TA = 25°C and VCC = 5V for CAT705, CAT706, and CAT813 versions;
VCC = 3.3V for the CAT706 T/S versions; VCC = 3.0V for the CAT706 R version.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
WATCHDOG INPUT
tWD
Watchdog Timeout Period
1.00
1.6
2.25
s
tWP
WDI Pulse Width
VIL = 0.4 V, VIH = 0.8 x VCC
50
ns
VIL
WDI Input Voltage
(3)
0.3 x VCC
V
VIH
0.7 x VCC
WDI Input Current
(4)
WDI = VCC, Time Average
50
150
µA
WDI = 0V, Time Average
-150
-50
VW_OH
WDO Output Voltage
VRST (max) < VCC < 3.6 V
ISOURCE = -500 µA
0.8 x VCC
V
4.5 V < VCC < 5.5 V,
ISOURCE = -800 µA
VCC – 1.5
VCC – 0.25
VW_OL
VRST (max) < VCC < 3.6 V,
ISINK = +500 µA
0.3
4.5 V < VCC < 5.5 V,
ISINK = 1.2 mA
0.1
0.4
MANUAL RESET INPUT
VIL
MR
¯¯¯ Input Voltage
0.3 x VCC
V
VIH
0.7 x VCC
MR
¯¯¯ Pull-up Current
MR
¯¯¯ = 0 V
40
70
140
µA
tPB
MR
¯¯¯ Pulse Width
1
µs
tPDLY
MR
¯¯¯ low to Reset Delay
(5)
5
µs
POWER-FAIL INPUT
PFI Input Threshold
VCC = 5 V
1.2
1.25
1.3
V
PFI Input Current
-25
0.01
25
nA
VP_OH
PFO
¯¯¯¯ Output Voltage
VRST (max) < VCC < 3.6 V,
ISOURCE = -500 µA
0.8 x VCC
V
4.5 V < VCC < 5.5 V,
ISOURCE = -800 µA
VCC - 1.5V
0.4
VP_OL
VRST (max) < VCC < 3.6 V,
ISINK = +1.2 mA
0.3
4.5 V < VCC < 5.5 V,
ISINK = 3.2 mA
0.4
Notes:
(3)
WDI is internally serviced within the watchdog period if WDI is left open.
(4)
The WDI input current is specified as an average input current when the WDI input is driven high or low. The WDI input if connected to a
three-stated output device can be disabled in the tristate mode as long as the leakage current is less than 10µA and a maximum
capacitance of less than 200pF. To clock the WDI input in the active mode the drive device must be able to source or sink at least 200µA
when active.
(5)
RESET
¯¯¯¯¯¯ for CAT705 & CAT706 & RESET for CAT813.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com