Electronic Components Datasheet Search
  English  ▼

X  

CAT705 Datasheet(PDF) 10 Page - ON Semiconductor

Part # CAT705
Description  關P Supervisory Circuits
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT705 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button CAT705 Datasheet HTML 6Page - ON Semiconductor CAT705 Datasheet HTML 7Page - ON Semiconductor CAT705 Datasheet HTML 8Page - ON Semiconductor CAT705 Datasheet HTML 9Page - ON Semiconductor CAT705 Datasheet HTML 10Page - ON Semiconductor CAT705 Datasheet HTML 11Page - ON Semiconductor CAT705 Datasheet HTML 12Page - ON Semiconductor CAT705 Datasheet HTML 13Page - ON Semiconductor CAT705 Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
CAT705, CAT706, CAT813
Doc. No. MD-3030 Rev. D
10
© 2010 SCILLC. All rights reserved.
Characteristics subject to change without notice
APPLICATION NOTES
µP’s with Bidirectional Reset Pins
The RESET
¯¯¯¯¯¯ output can be pulled low by processors
like the 68HC11 allowing for a system reset issued by
the processor. The maximum pullup current that can
be sourced by the CAT705 & CAT706 1.5mA (and by
the CAT706 T/R/S is 800µA) allowing the processor to
pull the output low even when the CAT70x is pulling it
high.
Power Transients
Generally short duration negative-going transients of
less than 2µs on the power supply at VRST minimum
will not cause a reset condition. However the lower
the voltage of the transient the shorter the required
time to cause a reset output.
These issues can
usually be remedied by the proper location of bypass
capacitance on the circuit board.
OUTPUT VALID CONDITIONS
The RESET
¯¯¯¯¯¯ output uses a push-pull output which can
maintain a valid output down to a VCC of 1.0 volts. To
sink current below 0.8V a resistor can be connected
from RESET
¯¯¯¯¯¯ to Ground (see Figure 8.)
This
arrangement will maintain a valid value on the RESET
¯¯¯¯¯¯
output during both power up and down but will draw
current when the RESET
¯¯¯¯¯¯ output is in the high state. A
resistor value of about 100k
Ω should be adequate in
most situations to maintain a low condition valid
output down to VCC equal to 1.0V.
Figure 8. RESET
¯¯¯¯¯¯ Valid for VCC < 1.0V
Figure 9. Typical Operating Circuit
µC
RESET/RESET
WDO
PFO
VCC
WDI
GND
PFI
MR
RESET/RESET
CAT705
CAT706
CAT813
100kΩ
µC
RESET/RESET
I/O LINE
INTERRUPT
NMI
VCC
WDO
PFO
VCC
Push Switch
5V
WDI
GND
PFI
MR
CAT705
CAT706
CAT813
RESET/RESET
UNREGULATED DC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com