Electronic Components Datasheet Search
  English  ▼

X  

CAT705 Datasheet(PDF) 8 Page - ON Semiconductor

Part # CAT705
Description  關P Supervisory Circuits
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT705 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button CAT705 Datasheet HTML 4Page - ON Semiconductor CAT705 Datasheet HTML 5Page - ON Semiconductor CAT705 Datasheet HTML 6Page - ON Semiconductor CAT705 Datasheet HTML 7Page - ON Semiconductor CAT705 Datasheet HTML 8Page - ON Semiconductor CAT705 Datasheet HTML 9Page - ON Semiconductor CAT705 Datasheet HTML 10Page - ON Semiconductor CAT705 Datasheet HTML 11Page - ON Semiconductor CAT705 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
CAT705, CAT706, CAT813
Doc. No. MD-3030 Rev. D
8
© 2010 SCILLC. All rights reserved.
Characteristics subject to change without notice
WATCHDOG TIMER
The
CAT705,
CAT706,
&
CAT813
provide
a
Watchdog input (WDI). The watchdog timer function
controls the watchdog output (WDO
¯¯¯¯ ) signal and forces
the WDO
¯¯¯¯ to be low (active) when the WDI input does
not have a transition from low-to-high or high-to-low
within 1.6s typical. If a transition occurs on the WDI
input pin prior to the watchdog time-out, the watchdog
timer is restarted. The timing diagram is shown in
Figure 3. The watchdog timer starts as soon as reset
condition becomes inactive.
When the VCC supply drops below the reset threshold,
the WDO
¯¯¯¯ output becomes active and goes low
independently of the watchdog timing stage.
Figure 4 below shows a typical implementation of a
watchdog function. Any processor signal that repeats
dependant on the normal operation of the processor
or directed by the software operating on the processor
can be used to strobe the watchdog input. The most
reliable is a dedicated I/O output transitioned by a
specific software instruction.
The watchdog can be disabled by floating (or tri-
stating) the WDI input (see Figure 5). If the watchdog
is disabled the WDI pin will be pulled low for the first
7/8
th’s of the watchdog period (t
WD) and pulled high for
the last 1/8
th of the watchdog period. This pulling low
of the WDI input and then high is used to detect an
open or tri-state condition and will continue to repeat
until the WDI input is driven high or low.
For most efficient operation of devices with the
watchdog function the WDI input should be held low
the majority of the time and only strobed high as
required to reset the watchdog timer.
tWD
tWD
tRS
tWD
tWP
(RESET)
(() Are for CAT813 Only)
RESET
WDO
RESET EXTERNALLY
TRIGGERED BY MR
WDI
+5 V
0 V
+5 V
0 V
+5 V
0 V
+5 V
0 V
Figure 3. Watchdog Timing Diagram
PIC
µC
DECODER
ADDRESS
MCLR
WDO
PFO
VCC
WDI
GND
PFI
MR
RESET/RESET
CAT705
CAT706
CAT813
Figure 4. Watchdog Timer Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com