Electronic Components Datasheet Search
  English  ▼

X  

CAT705 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CAT705
Description  關P Supervisory Circuits
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT705 Datasheet(HTML) 4 Page - ON Semiconductor

  CAT705 Datasheet HTML 1Page - ON Semiconductor CAT705 Datasheet HTML 2Page - ON Semiconductor CAT705 Datasheet HTML 3Page - ON Semiconductor CAT705 Datasheet HTML 4Page - ON Semiconductor CAT705 Datasheet HTML 5Page - ON Semiconductor CAT705 Datasheet HTML 6Page - ON Semiconductor CAT705 Datasheet HTML 7Page - ON Semiconductor CAT705 Datasheet HTML 8Page - ON Semiconductor CAT705 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
CAT705, CAT706, CAT813
Doc. No. MD-3030 Rev. D
4
© 2010 SCILLC. All rights reserved.
Characteristics subject to change without notice
ELECTRICAL OPERATING CHARACTERISTICS
Typical values at TA = 25ºC and VCC = 5V for CAT705, CAT706 and CAT813 versions.
VCC = 3.3V for the CAT706 T/S versions; VCC = 3.0V for the CAT706 R version.
(1)
Symbol Parameter
Conditions
Min
Typ
Max
Units
ICC
Supply Current
CAT705
CAT706
CAT813
6
17
µA
CAT706 (R/S/T Versions)
4
12
µA
VRST
Reset Threshold
CAT705 & CAT813 at
-40ºC
≤ T
A
≤ +85ºC
4.50
4.65
4.75
V
CAT706 at -40ºC
≤ T
A
≤ +85ºC
4.25
4.40
4.50
V
CAT706T at -40ºC
≤ T
A
≤ +85ºC
3.00
3.08
3.15
V
CAT706S at -40ºC
≤ T
A
≤ +85ºC
2.85
2.93
3.00
V
CAT706R at -40ºC
≤ T
A
≤ +85ºC
2.55
2.63
2.70
V
Reset Threshold
Tempco
(1)
40
ppm/ºC
Reset Threshold
Hysteresis
(1)
CAT705 & CAT813
10
mV
CAT706
5
mV
tRD
VCC to Reset Delay
(2)
VCC = VTH to (VTH - 100mV)
20
µs
tRP
Reset Active
Timeout Period
140
200
400
ms
VOH
RESET
¯¯¯¯¯¯ Output High
Voltage
CAT705 & CAT706, VCC = VRST max,
ISOURCE = -120µA
VCC - 1.5V
V
CAT705 & CAT706, VCC = VRST max,
ISOURCE = -30µA
0.8 x VCC
VOL
RESET
¯¯¯¯¯¯ Output Low
Voltage
CAT705 & CAT706, VCC = VRST min,
ISINK = 3.2mA
0.4
CAT705 &CAT706, VCC = 1.2V
ISINK = 100µA
0.3
VOH
RESET Output High
Voltage
CAT813, VCC = VRST max,
ISOURCE = -120µA
VCC - 1.5V
V
CAT813, VCC = VRST max,
ISOURCE = -30µA
0.8 x VCC
VOL
RESET Output Low
Voltage
CAT813, VCC = VRST min,
ISINK = 3.2mA
0.4
V
CAT813, VCC = 1.2V
ISINK = 100µA
0.3
Notes:
(1)
Limits are guaranteed by design and not production tested.
(2)
The RESET short-circuit current is the maximum pull-up current when reset is driven low by a bidirectional output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com