Electronic Components Datasheet Search
  English  ▼

X  

CAT705 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CAT705
Description  關P Supervisory Circuits
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT705 Datasheet(HTML) 3 Page - ON Semiconductor

  CAT705 Datasheet HTML 1Page - ON Semiconductor CAT705 Datasheet HTML 2Page - ON Semiconductor CAT705 Datasheet HTML 3Page - ON Semiconductor CAT705 Datasheet HTML 4Page - ON Semiconductor CAT705 Datasheet HTML 5Page - ON Semiconductor CAT705 Datasheet HTML 6Page - ON Semiconductor CAT705 Datasheet HTML 7Page - ON Semiconductor CAT705 Datasheet HTML 8Page - ON Semiconductor CAT705 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CAT705, CAT706, CAT813
© 2010 SCILLC. All rights reserved.
3
Doc. No. MD-3030, Rev. D
Characteristics subject to change without notice
ABSOLUTE MAXIMUM RATINGS
(1)
Parameters
Ratings
Units
Supply Voltage
6.5
V
All other pins
-0.3 to (VCC + 0.3)
V
Output Current RESET, RESET
¯¯¯¯¯¯,WDO
¯¯¯¯
20
mA
Continuous Power Dissipations (TA = +70ºC)
mW
SOIC 8-lead (derate 5.9mW/ºC above +70ºC)
471
MSOP 8-lead (derate 4.1mW/ºC above +70ºC)
330
Storage Temperature
-65 to 150
ºC
Lead Soldering (10 seconds max)
+300
ºC
ESD Rating: Human Body Model
2000
V
ESD Rating: Machine Model
200
V
RECOMMENDED OPERATING CONDITIONS
Parameter
Range
Units
VCC (TA = -40ºC to +85ºC)
1.0 to 5.5
V
All Other Pins
-0.1 to (VCC + 0.1)
V
Ambient Temperature
-40 to +85
ºC
Notes:
(1)
Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions outside of those listed in the operational sections of this
specification is not implied. Exposure to any absolute maximum rating for extended periods may affect device performance and reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com