Electronic Components Datasheet Search
  English  ▼

X  

ATTINY45 Datasheet(PDF) 23 Page - ATMEL Corporation

Part # ATTINY45
Description  8-bit Microcontroller with 2/4/8KBytes In-System Programmable Flash
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY45 Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button ATTINY45 Datasheet HTML 19Page - ATMEL Corporation ATTINY45 Datasheet HTML 20Page - ATMEL Corporation ATTINY45 Datasheet HTML 21Page - ATMEL Corporation ATTINY45 Datasheet HTML 22Page - ATMEL Corporation ATTINY45 Datasheet HTML 23Page - ATMEL Corporation ATTINY45 Datasheet HTML 24Page - ATMEL Corporation ATTINY45 Datasheet HTML 25Page - ATMEL Corporation ATTINY45 Datasheet HTML 26Page - ATMEL Corporation ATTINY45 Datasheet HTML 27Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
23
2586L–AVR–06/10
ATtiny25/45/85
8.3
Errata ATtiny85
The revision letter in this section refers to the revision of the ATtiny85 device.
8.3.1
Rev B and C
No known errata.
8.3.2
Rev A
• EEPROM read may fail at low supply voltage / low clock frequency
1. EEPROM read may fail at low supply voltage / low clock frequency
Trying to read EEPROM at low clock frequencies and/or low supply voltage may result in
invalid data.
Problem Fix/Workaround
Do not use the EEPROM when clock frequency is below 1 MHz and supply voltage is below
2V. If operating frequency can not be raised above 1 MHz then supply voltage should be
more than 3V. Similarly, if supply voltage can not be raised above 2V then operating fre-
quency should be more than 2 MHz.
This feature is known to be temperature dependent but it has not been characterised.
Guidelines are given for room temperature, only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com