Electronic Components Datasheet Search
  English  ▼

X  

ATTINY45 Datasheet(PDF) 26 Page - ATMEL Corporation

Part # ATTINY45
Description  8-bit Microcontroller with 2/4/8KBytes In-System Programmable Flash
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY45 Datasheet(HTML) 26 Page - ATMEL Corporation

Back Button ATTINY45 Datasheet HTML 22Page - ATMEL Corporation ATTINY45 Datasheet HTML 23Page - ATMEL Corporation ATTINY45 Datasheet HTML 24Page - ATMEL Corporation ATTINY45 Datasheet HTML 25Page - ATMEL Corporation ATTINY45 Datasheet HTML 26Page - ATMEL Corporation ATTINY45 Datasheet HTML 27Page - ATMEL Corporation ATTINY45 Datasheet HTML 28Page - ATMEL Corporation ATTINY45 Datasheet HTML 29Page - ATMEL Corporation ATTINY45 Datasheet HTML 30Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
26
2586L–AVR–06/10
ATtiny25/45/85
– “ATtiny45” on page 12
– “ATtiny85” on page 13
11. Updated Package Drawing:
– “S8S1” on page 16
12. Updated Order Codes for:
– “ATtiny25” on page 11
9.3
Rev. 2586J-12/06
1.
Updated “Low Power Consumption” on page 1.
2.
Updated description of instruction length in “Architectural Overview” .
3.
Updated Flash size in “In-System Re-programmable Flash Program Memory” on
page 15.
4.
Updated cross-references in sections “Atomic Byte Programming” , “Erase” and
“Write” , starting on page 17.
5.
Updated “Atomic Byte Programming” on page 17.
6.
Updated “Internal PLL for Fast Peripheral Clock Generation - clkPCK” on page 24.
7.
Replaced single clocking system figure with two: Figure 6-2 and Figure 6-3.
8.
Updated Table 6-1 on page 25, Table 6-13 on page 30 and Table 6-6 on page 28.
9.
Updated “Calibrated Internal Oscillator” on page 27.
10.
Updated Table 6-5 on page 27.
11.
Updated “OSCCAL – Oscillator Calibration Register” on page 32.
12.
Updated “CLKPR – Clock Prescale Register” on page 33.
13.
Updated “Power-down Mode” on page 36.
14.
Updated “Bit 0” in “PRR – Power Reduction Register” on page 39.
15.
Added footnote to Table 8-3 on page 49.
16.
Updated Table 10-5 on page 65.
17.
Deleted “Bits 7, 2” in “MCUCR – MCU Control Register” on page 66.
18.
Updated and moved section “Timer/Counter0 Prescaler and Clock Sources”, now
located on page 68.
19.
Updated “Timer/Counter1 Initialization for Asynchronous Mode” on page 89.
20.
Updated bit description in “PLLCSR – PLL Control and Status Register” on page 97
and “PLLCSR – PLL Control and Status Register” on page 107.
21.
Added recommended maximum frequency in“Prescaling and Conversion Timing” on
page 129.
22.
Updated Figure 17-8 on page 133 .
23.
Updated “Temperature Measurement” on page 137.
24.
Updated Table 17-3 on page 138.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com