Electronic Components Datasheet Search
  English  ▼

X  

ATTINY45 Datasheet(PDF) 27 Page - ATMEL Corporation

Part # ATTINY45
Description  8-bit Microcontroller with 2/4/8KBytes In-System Programmable Flash
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY45 Datasheet(HTML) 27 Page - ATMEL Corporation

Back Button ATTINY45 Datasheet HTML 22Page - ATMEL Corporation ATTINY45 Datasheet HTML 23Page - ATMEL Corporation ATTINY45 Datasheet HTML 24Page - ATMEL Corporation ATTINY45 Datasheet HTML 25Page - ATMEL Corporation ATTINY45 Datasheet HTML 26Page - ATMEL Corporation ATTINY45 Datasheet HTML 27Page - ATMEL Corporation ATTINY45 Datasheet HTML 28Page - ATMEL Corporation ATTINY45 Datasheet HTML 29Page - ATMEL Corporation ATTINY45 Datasheet HTML 30Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
27
2586L–AVR–06/10
ATtiny25/45/85
9.4
Rev. 2586I-09/06
9.5
Rev. 2586H-06/06
25.
Updated bit R/W descriptions in:
“TIMSK – Timer/Counter Interrupt Mask Register” on page 84,
“TIFR – Timer/Counter Interrupt Flag Register” on page 84,
“TIMSK – Timer/Counter Interrupt Mask Register” on page 95,
“TIFR – Timer/Counter Interrupt Flag Register” on page 96,
“PLLCSR – PLL Control and Status Register” on page 97,
“TIMSK – Timer/Counter Interrupt Mask Register” on page 106,
“TIFR – Timer/Counter Interrupt Flag Register” on page 106,
“PLLCSR – PLL Control and Status Register” on page 107 and
“DIDR0 – Digital Input Disable Register 0” on page 142.
26.
Added limitation to “Limitations of debugWIRE” on page 144.
27.
Updated “DC Characteristics” on page 166.
28.
Updated Table 21-7 on page 171.
29.
Updated Figure 21-6 on page 176.
30.
Updated Table 21-12 on page 176.
31.
Updated Table 22-1 on page 182.
32.
Updated Table 22-2 on page 182.
33.
Updated Table 22-30, Table 22-31 and Table 22-32, starting on page 193.
34.
Updated Table 22-33, Table 22-34 and Table 22-35, starting on page 194.
35.
Updated Table 22-39 on page 197.
36.
Updated Table 22-46, Table 22-47, Table 22-48 and Table 22-49.
1.
All Characterization data moved to “Electrical Characteristics” on page 166.
2.
All Register Descriptions are gathered up in seperate sections in the end of each
chapter.
3.
Updated Table 11-3 on page 81, Table 11-5 on page 82, Table 11-6 on page 83 and
Table 20-4 on page 152.
4.
Updated “Calibrated Internal Oscillator” on page 27.
5.
Updated Note in Table 7-1 on page 35.
6.
Updated “System Control and Reset” on page 41.
7.
Updated Register Description in “I/O Ports” on page 55.
8.
Updated Features in “USI – Universal Serial Interface” on page 111.
9.
Updated Code Example in “SPI Master Operation Example” on page 113 and “SPI
Slave Operation Example” on page 114.
10.
Updated “Analog Comparator Multiplexed Input” on page 123.
11.
Updated Figure 17-1 on page 127.
12.
Updated “Signature Bytes” on page 154.
13.
Updated “Electrical Characteristics” on page 166.
1.
Updated “Calibrated Internal Oscillator” on page 27.
2.
Updated Table 6.5.1 on page 32.
3.
Added Table 21-2 on page 169.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com