Electronic Components Datasheet Search
  English  ▼

X  

ATTINY45 Datasheet(PDF) 25 Page - ATMEL Corporation

Part # ATTINY45
Description  8-bit Microcontroller with 2/4/8KBytes In-System Programmable Flash
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY45 Datasheet(HTML) 25 Page - ATMEL Corporation

Back Button ATTINY45 Datasheet HTML 21Page - ATMEL Corporation ATTINY45 Datasheet HTML 22Page - ATMEL Corporation ATTINY45 Datasheet HTML 23Page - ATMEL Corporation ATTINY45 Datasheet HTML 24Page - ATMEL Corporation ATTINY45 Datasheet HTML 25Page - ATMEL Corporation ATTINY45 Datasheet HTML 26Page - ATMEL Corporation ATTINY45 Datasheet HTML 27Page - ATMEL Corporation ATTINY45 Datasheet HTML 28Page - ATMEL Corporation ATTINY45 Datasheet HTML 29Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
25
2586L–AVR–06/10
ATtiny25/45/85
– “Timer/Counter1 in PWM Mode” on page 101
– “USI – Universal Serial Interface” on page 111
– “Temperature Measurement” on page 137
– “Reading Lock, Fuse and Signature Data from Software” on page 147
– “Program And Data Memory Lock Bits” on page 151
– “Fuse Bytes” on page 152
– “Signature Bytes” on page 154
– “Calibration Bytes” on page 154
– “System and Reset Characteristics” on page 170
4. Added Figures:
– “Reset Pin Output Voltage vs. Sink Current (VCC = 3V)” on page 189
– “Reset Pin Output Voltage vs. Sink Current (VCC = 5V)” on page 190
– “Reset Pin Output Voltage vs. Source Current (VCC = 3V)” on page 190
– “Reset Pin Output Voltage vs. Source Current (VCC = 5V)” on page 191
5. Updated Figure:
– “Reset Logic” on page 41
6. Updated Tables:
– “Start-up Times for Internal Calibrated RC Oscillator Clock” on page 28
– “Start-up Times for Internal Calibrated RC Oscillator Clock (in ATtiny15 Mode)” on
page 28
– “Start-up Times for the 128 kHz Internal Oscillator” on page 29
– “Compare Mode Select in PWM Mode” on page 89
– “Compare Mode Select in PWM Mode” on page 101
– “DC Characteristics. TA = -40°C to +85°C” on page 166
– “Calibration Accuracy of Internal RC Oscillator” on page 169
– “ADC Characteristics” on page 172
7. Updated Code Example in Section:
– “Write” on page 17
8. Updated Bit Descriptions in:
– “MCUCR – MCU Control Register” on page 38
– “Bits 7:6 – COM0A[1:0]: Compare Match Output A Mode” on page 80
– “Bits 5:4 – COM0B[1:0]: Compare Match Output B Mode” on page 80
– “Bits 2:0 – ADTS[2:0]: ADC Auto Trigger Source” on page 142
– “SPMCSR – Store Program Memory Control and Status Register” on page 149.
9. Updated description of feature “EEPROM read may fail at low supply voltage / low
clock frequency” in Sections:
– “Errata ATtiny25” on page 19
– “Errata ATtiny45” on page 20
– “Errata ATtiny85” on page 23
10. Updated Package Description in Sections:
– “ATtiny25” on page 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com