Electronic Components Datasheet Search
  English  ▼

X  

56F8013 Datasheet(PDF) 73 Page - Freescale Semiconductor, Inc

Part # 56F8013
Description  16-bit Digital Signal Controllers
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8013 Datasheet(HTML) 73 Page - Freescale Semiconductor, Inc

Back Button 56F8013 Datasheet HTML 69Page - Freescale Semiconductor, Inc 56F8013 Datasheet HTML 70Page - Freescale Semiconductor, Inc 56F8013 Datasheet HTML 71Page - Freescale Semiconductor, Inc 56F8013 Datasheet HTML 72Page - Freescale Semiconductor, Inc 56F8013 Datasheet HTML 73Page - Freescale Semiconductor, Inc 56F8013 Datasheet HTML 74Page - Freescale Semiconductor, Inc 56F8013 Datasheet HTML 75Page - Freescale Semiconductor, Inc 56F8013 Datasheet HTML 76Page - Freescale Semiconductor, Inc 56F8013 Datasheet HTML 77Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 126 page
background image
Register Descriptions
56F8013/56F8011 Data Sheet, Rev. 12
Freescale Semiconductor
73
•
01001 = Reserved for factory test—OCCS MSTR OSC clock
•
01011 = Reserved for factory test—ADC clock
•
01100 = Reserved for factory test—JTAG TCLK
•
01101 = Reserved for factory test—Continuous peripheral clock
•
01110 = Reserved for factory test—Continuous inverted peripheral clock
•
01111 = Reserved for factory test—Continuous high-speed peripheral clock
6.3.8
SIM GPIO Peripheral Select Register (SIM_GPS)
All of the peripheral pins on the 56F8013/56F8011 share their Input/Output (I/O) with GPIO ports. To
select peripheral or GPIO control, program corresponding bit in the GPIOx_PEREN register in GPIO
module. See the 56F801x Peripheral Reference Manual for detail. In some cases, there are two possible
peripherals as well as the GPIO functionality available for control of the I/O. In these cases, the SIM_GPS
register is used to determine which peripheral has control when the corresponding I/O pin is configured in
peripheral mode.
As shown in Figure 6-9, the GPIO Peripheral Enable Register (PEREN) has the final control over which
pin controls the I/O. SIM_GPS simply decides which peripheral will be routed to the I/O when
PEREN = 1.
Figure 6-9 Overall Control of Pads Using SIM_GPS Control
Figure 6-10 GPIO Peripheral Select Register (SIM_GPS)
Base + $B
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
TCR
PCR
0
0
CFG_
B7
CFG_
B6
CFG_
B5
CFG_
B4
CFG_
B3
CFG_
B2
CFG_
B1
CFG_
B0
CFG_A5
CFG_A4
Write
RESET
0
0
0
0
0
0000000
0000
GPIOB_PEREN Register
GPIO Controlled
I/O Pad Control
SIM_GPS Register
Quad Timer Controlled
SCI Controlled
0
1
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com