Electronic Components Datasheet Search
  English  ▼

X  

56F8013 Datasheet(PDF) 79 Page - Freescale Semiconductor, Inc

Part # 56F8013
Description  16-bit Digital Signal Controllers
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8013 Datasheet(HTML) 79 Page - Freescale Semiconductor, Inc

Back Button 56F8013 Datasheet HTML 75Page - Freescale Semiconductor, Inc 56F8013 Datasheet HTML 76Page - Freescale Semiconductor, Inc 56F8013 Datasheet HTML 77Page - Freescale Semiconductor, Inc 56F8013 Datasheet HTML 78Page - Freescale Semiconductor, Inc 56F8013 Datasheet HTML 79Page - Freescale Semiconductor, Inc 56F8013 Datasheet HTML 80Page - Freescale Semiconductor, Inc 56F8013 Datasheet HTML 81Page - Freescale Semiconductor, Inc 56F8013 Datasheet HTML 82Page - Freescale Semiconductor, Inc 56F8013 Datasheet HTML 83Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 126 page
background image
Clock Generation Overview
56F8013/56F8011 Data Sheet, Rev. 12
Freescale Semiconductor
79
Figure 6-14 I/O Short Address Location Low Register (SIM_IOSALO)
6.3.10.3
Input/Output Short Address Location (ISAL[21:6])—Bits 15–0
This field represents the lower 16 address bits of the “hard coded” I/O short address.
6.4 Clock Generation Overview
The SIM uses master clocks, 2X system clock at a maximum of 64MHz, from the OCCS module to
produce the peripheral and system (core and memory) clocks at a maximum of 32MHz. It divides the
master clock by two and gates it with appropriate power mode and clock gating controls. The high speed
peripheral clock from OCCS operates at three times the system clock for PWM and Quad Timer module
at a maximum of 96MHz.
The OCCS configuration controls the operating frequency of the SIM’s master clocks. In the OCCS, either
an external clock or the relaxation oscillator can be selected as the master clock source (MSTR_OSC). The
relaxation oscillator can be operated at full speed (8MHz), standby speed (200kHz), or powered down. An
8MHz clock can be multiplied to 192 MHz using the PLL and postscaled to provide a variety of high speed
clock rates. Either the postscaled PLL output or input clock of PLL signal can be selected to produce the
master clocks to the SIM. When the PLL is not selected, the high speed peripheral clock is disabled and
the 2X system clock is input clock from either internal relaxation oscillator or external clock source.
In combination with the OCCS module, the SIM provides power modes (see Section 6.5), clock enables
(SIM_PCE register, CLK_DIS, ONCE_EBL), and clock rate controls (TCR, PCR) to provide flexible
control of clocking and power utilization. The SIM’s clock enable controls can be used to disable
individual clocks when not needed. The clock rate controls enable the high speed clocking option for the
Timer channels and PWM but require the PLL to be on and selected. Refer to the 56F801X Peripheral
User Manual for further details.
6.5 Power-Down Modes
The 56F8013/56F8011 operates in one of five Power-Down modes, as shown in Table 6-3
.
Base + $E
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
ISAL[21:6]
Write
RESET
11111
1
1
1
1
1
1
1
1
1
1
1
Table 6-3 Clock Operation in Power-Down Modes
Mode
Core Clocks
Peripheral Clocks
Description
Run
Core and memory
clocks disabled
Peripheral clocks
enabled
Device is fully functional



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com