Electronic Components Datasheet Search
  English  ▼

X  

56F8013 Datasheet(PDF) 98 Page - Freescale Semiconductor, Inc

Part # 56F8013
Description  16-bit Digital Signal Controllers
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8013 Datasheet(HTML) 98 Page - Freescale Semiconductor, Inc

Back Button 56F8013 Datasheet HTML 94Page - Freescale Semiconductor, Inc 56F8013 Datasheet HTML 95Page - Freescale Semiconductor, Inc 56F8013 Datasheet HTML 96Page - Freescale Semiconductor, Inc 56F8013 Datasheet HTML 97Page - Freescale Semiconductor, Inc 56F8013 Datasheet HTML 98Page - Freescale Semiconductor, Inc 56F8013 Datasheet HTML 99Page - Freescale Semiconductor, Inc 56F8013 Datasheet HTML 100Page - Freescale Semiconductor, Inc 56F8013 Datasheet HTML 101Page - Freescale Semiconductor, Inc 56F8013 Datasheet HTML 102Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 126 page
background image
56F8013/56F8011 Data Sheet, Rev. 12
98
Freescale Semiconductor
Table 10-6 Current Consumption per Power Supply Pin (Typical)
Mode
Conditions
Typical @ 3.3V, 25°C
Maximum@ 3.6V, 25°C
IDD
1
1. No Output Switching
All ports configured as inputs
All inputs Low
No DC Loads
IDDA
IDD
1
IDDA
RUN
32MHz Device Clock
Relaxation Oscillator on
PLL powered on
Continuous MAC instructions with fetches from
Program Flash
All peripheral modules enabled. Quad Timer and
PWM using 1x Clock
ADC powered on and clocked
42mA
13.5mA
—
—
WAIT
32MHz Device Clock
Relaxation Oscillator on
PLL powered on
Processor Core in WAIT state
All Peripheral modules enabled. Quad Timer and
PWM using 1x Clock
ADC powered off
17mA
0
μA—
—
STOP
4MHz Device Clock
Relaxation Oscillator on
PLL powered off
Processor Core in STOP state
All peripheral module and core clocks are off
ADC powered off
5mA
0μA—
—
STANDBY >
STOP
100KHz Device Clock
Relaxation Oscillator in Standby mode
PLL powered off
Processor Core in STOP state
All peripheral module and core clocks are off
ADC powered off
Voltage regulator in Standby mode
430
μA0μA
550
μA1μA
POWER-
DOWN
Device Clock is off
Relaxation Oscillator powered off
PLL powered off
Processor Core in STOP state
All peripheral module and core clocks are off
ADC powered off
Voltage Regulator in Standby mode
300
μA0μA
400
μA1μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com