Electronic Components Datasheet Search
  English  ▼

X  

56F8013 Datasheet(PDF) 74 Page - Freescale Semiconductor, Inc

Part # 56F8013
Description  16-bit Digital Signal Controllers
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8013 Datasheet(HTML) 74 Page - Freescale Semiconductor, Inc

Back Button 56F8013 Datasheet HTML 70Page - Freescale Semiconductor, Inc 56F8013 Datasheet HTML 71Page - Freescale Semiconductor, Inc 56F8013 Datasheet HTML 72Page - Freescale Semiconductor, Inc 56F8013 Datasheet HTML 73Page - Freescale Semiconductor, Inc 56F8013 Datasheet HTML 74Page - Freescale Semiconductor, Inc 56F8013 Datasheet HTML 75Page - Freescale Semiconductor, Inc 56F8013 Datasheet HTML 76Page - Freescale Semiconductor, Inc 56F8013 Datasheet HTML 77Page - Freescale Semiconductor, Inc 56F8013 Datasheet HTML 78Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 126 page
background image
56F8013/56F8011 Data Sheet, Rev. 12
74
Freescale Semiconductor
6.3.8.1
Quad Timer Clock Rate (TCR)—Bit 15
This bit selects the clock speed for the Quad Timermodule.
•
0 = Quad Timer module clock rate equals system clock rate, to a maximum 32MHz (default)
•
1 = Quad Timer module clock rate equals three times system clock rate, to a maximum 96MHz
Note: This bit should only be changed while the TMR module’s clock is disabled. See Section 6.3.9.
Note: High-speed clocking is only available when the PLL is being used.
Note: If the PWM sync signal pulse is used as input to Timer 3 (See SIM_CTRL: TC3_INP, Section
6.3.1.7), then the clocks of the Quad Timer and PWM must be related, as shown in Table 6-2.
6.3.8.2
PWM Clock Rate (PCR)—Bit 14
This bit selects the clock speed for the PWM module.
•
0 = PWM module clock rate equals system clock rate, to a maximum 32MHz (default)
•
1 = PWM module clock rate equals three times system clock rate, to a maximum 96MHz
Note: This bit should only be changed while the PWM module’s clock is disabled. See Section 6.3.9.
Note: High-speed clocking is only available when the PLL is being used.
Note: If the PWM sync signal is used as input to Timer 3 (See SIM_CTRL: TC3_INP, Section 6.3.1.7),
then the clocks of the Quad Timer and PWM must be related, as shown in Table 6-2.
6.3.8.3
Reserved—Bits 13–12
This bit field is reserved or not implemented. It is read as 0 and cannot be modified by writing.
6.3.8.4
Configure GPIOB7 (CFG_B7)—Bit 11
This bit selects the alternate function for GPIOB7.
•
0 = TXD — SCI Transmit Data (default)
•
1 = SCL — I2C Serial Clock
6.3.8.5
Configure GPIOB6 (CFG_B6)—Bit 10
This bit selects the alternate function for GPIOB6.
Table 6-2 Allowable Quad Timer and PWM Clock Rates
when Using PWM Reload Pulse
Quad Timer
Clock Speed
1X
3X
PWM
1X
OK
OK
3X
NO
OK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com