Electronic Components Datasheet Search
  English  ▼

X  

56F8013 Datasheet(PDF) 84 Page - Freescale Semiconductor, Inc

Part # 56F8013
Description  16-bit Digital Signal Controllers
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8013 Datasheet(HTML) 84 Page - Freescale Semiconductor, Inc

Back Button 56F8013 Datasheet HTML 80Page - Freescale Semiconductor, Inc 56F8013 Datasheet HTML 81Page - Freescale Semiconductor, Inc 56F8013 Datasheet HTML 82Page - Freescale Semiconductor, Inc 56F8013 Datasheet HTML 83Page - Freescale Semiconductor, Inc 56F8013 Datasheet HTML 84Page - Freescale Semiconductor, Inc 56F8013 Datasheet HTML 85Page - Freescale Semiconductor, Inc 56F8013 Datasheet HTML 86Page - Freescale Semiconductor, Inc 56F8013 Datasheet HTML 87Page - Freescale Semiconductor, Inc 56F8013 Datasheet HTML 88Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 126 page
background image
56F8013/56F8011 Data Sheet, Rev. 12
84
Freescale Semiconductor
Figure 6-16 Timing Relationships of Reset Signal to Clocks
6.8 Interrupts
The SIM generates no interrupts.
Part 7 Security Features
The 56F8013/56F8011 offers security features intended to prevent unauthorized users from reading the
contents of the flash memory (FM) array. The 56F8013/56F8011’s flash security consists of several
hardware interlocks that prevent unauthorized users from gaining access to the flash array.
After flash security is set, an authorized user is still able to access on-chip memory if the user purposely
includes a subroutine to read and transfer the contents of internal memory via serial communication
peripherals, as this code would defeat the purpose of security.
7.1 Operation with Security Enabled
After the user has programmed the flash with his application code, the 56F8013/56F8011 can be secured
by programming a security word ($E70A) into program memory location $00 1FF7. This nonvolatile word
will keep the device secured through reset and through power-down of the device. Refer to the flash
RST
MSTR_OSC
CKGEN_RST
SYS_CLK_x2
SYS_CLK
SYS_CLK_D
SYS_CLK_DIV2
PERIP_RST
CORE_RST
Switch on falling OSC_CLK
96 MSTR_OSC cycles
Switch on falling SYS_CLK
32 SYS_CLK cycles delay
32 SYS_CLK cycles delay
Maximum Delay = 64 MSTR_OSC cycles for POR reset extension and 32 MSTR_OSC cycles
for combined reset extension
Switch on falling SYS_CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com