Electronic Components Datasheet Search
  English  ▼

X  

FS6377 Datasheet(PDF) 1 Page - ON Semiconductor

Part # FS6377
Description  Programmable 3-PLL Clock Generator IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FS6377 Datasheet(HTML) 1 Page - ON Semiconductor

  FS6377 Datasheet HTML 1Page - ON Semiconductor FS6377 Datasheet HTML 2Page - ON Semiconductor FS6377 Datasheet HTML 3Page - ON Semiconductor FS6377 Datasheet HTML 4Page - ON Semiconductor FS6377 Datasheet HTML 5Page - ON Semiconductor FS6377 Datasheet HTML 6Page - ON Semiconductor FS6377 Datasheet HTML 7Page - ON Semiconductor FS6377 Datasheet HTML 8Page - ON Semiconductor FS6377 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
©2008 SCILLC. All rights reserved.
Publication Order Number:
May 2008 – Rev. 4
FS6377/D
FS6377
Programmable 3-PLL Clock Generator IC
1.0 Key Features
• Three on-chip PLLs with programmable reference and feedback dividers
• Four independently programmable muxes and post dividers
• I2C™-bus serial interface
• Programmable power-down of all PLLs and output clock drivers
• One PLL and two mux/post-divider combinations can be modified by SEL_CD input
• Tristate outputs for board testing
• 5V to 3.3V operation
• Accepts 5MHz to 27MHz crystal resonators
• Commercial and industrial temperature ranges offered
2.0 General Description
The FS6377 is a CMOS clock generator IC designed to minimize cost and component count in a variety of electronic systems. Three
I
2C-programmable phase locked loops (PLLs) feeding four programmable muxes and post dividers provide a high degree of flexibility.
Figure 1: Pin Configuration


Similar Part No. - FS6377

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
FS6377-01 AMI-FS6377-01 Datasheet
1Mb / 21P
Programmable 3-PLL Clock Generator IC
FS6377-01G AMI-FS6377-01G Datasheet
1Mb / 21P
Programmable 3-PLL Clock Generator IC
More results

Similar Description - FS6377

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS6322-08 ETC-FS6322-08 Datasheet
62Kb / 7P
THREE PLL CLOCK GENERATOR IC
FS6217-01 ETC-FS6217-01 Datasheet
18Kb / 1P
DUAL PLL CLOCK GENERATOR IC
FS6322-05 ETC1-FS6322-05 Datasheet
59Kb / 7P
Three-PLL Clock Generator IC
FS6282 ETC1-FS6282 Datasheet
51Kb / 5P
DUAL PLL CLOCK GENERATOR IC
logo
Maxim Integrated Produc...
MAX9491 MAXIM-MAX9491 Datasheet
303Kb / 11P
Factory-Programmable, Single PLL Clock Generator
Rev 0; 1/06
logo
List of Unclassifed Man...
FS6322-04 ETC1-FS6322-04 Datasheet
64Kb / 7P
Three-PLL Clock Generator IC
FS6284 ETC2-FS6284 Datasheet
58Kb / 4P
Dual PLL Clock Generator IC
FS6370-01 ETC2-FS6370-01 Datasheet
1Mb / 25P
EEPROM Programmable 3-PLL Clock Generator IC
logo
AMI SEMICONDUCTOR
FS6377-01 AMI-FS6377-01 Datasheet
1Mb / 21P
Programmable 3-PLL Clock Generator IC
logo
ON Semiconductor
FS6370 ONSEMI-FS6370 Datasheet
585Kb / 28P
EEPROM Programmable 3-PLL Clock Generator IC
May 2008 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com