Electronic Components Datasheet Search
  English  ▼

X  

FS6377 Datasheet(PDF) 19 Page - ON Semiconductor

Part # FS6377
Description  Programmable 3-PLL Clock Generator IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FS6377 Datasheet(HTML) 19 Page - ON Semiconductor

Back Button FS6377 Datasheet HTML 15Page - ON Semiconductor FS6377 Datasheet HTML 16Page - ON Semiconductor FS6377 Datasheet HTML 17Page - ON Semiconductor FS6377 Datasheet HTML 18Page - ON Semiconductor FS6377 Datasheet HTML 19Page - ON Semiconductor FS6377 Datasheet HTML 20Page - ON Semiconductor FS6377 Datasheet HTML 21Page - ON Semiconductor FS6377 Datasheet HTML 22Page - ON Semiconductor FS6377 Datasheet HTML 23Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
FS6377
Table 13: AC Timing Specifications continued
Clock Outputs (PLL_C clock via CLK_C pin) Approximate
Duty cycle*
Ratio of pulse width (as measured from rising edge
to next falling edge at 2.5V) to one clock period
100
45
55
%
Jitter, long term (
σy(τ))*
tj(LT)
On rising edges 500µs apart at 2.5V relative to an
ideal clock, CL = 15pF, fXIN = 14.318MHz, NF= 220,
NR = 63, NPX = 50, no other PLLs active
On rising edges 500µs apart at 2.5V relative to an
ideal clock, CL = 15pF, fXIN = 14.318MHz, NF= 220,
NR = 63, NPX = 50, all other PLLs active (A = 50MHz,
B = 60MHz, D = 14.318MHz)
100
40
45
105
ps
Jitter, period (peak-peak)*
tj(ΔP)
From rising edge to the next rising edge at 2.5V,
CL = 15pF, fXIN = 14.318MHz, NF= 220, NR = 63,
NPX = 50, no other PLLs active
From rising edge to the next rising edge at 2.5V,
CL = 15pF, fXIN = 14.318MHz, NF= 220, NR = 63,
NPX = 50, all other PLLs active (A = 50MHz,
B = 60MHz, D = 14.318MHz)
100
40
120
440
ps
Clock Outputs (Crystal Oscillator via CLK_D pin) Approximate
Duty cycle*
Ratio of pulse width (as measured from rising edge
to next falling edge at 2.5V) to one clock period
14.318
45
55
%
Jitter, long term (
σy(τ))*
tj(LT)
On rising edges 500µs apart at 2.5V relative to an
ideal clock, CL = 15pF, fXIN = 14.318MHz, no other
PLLs active
From rising edges to the next at 2.5V, CL = 15pF,
fXIN = 14.318MHz, all other PLLs active (A = 50MHz,
B = 60MHz, C = 40MHz)
14.318
14.318
20
40
ps
Jitter, period (peak-peak)*
tj(ΔP)
From rising edge to the next rising edge at 2.5V,
CL = 15pF, fXIN = 14.318MHz, no other PLLs active
From rising edge to the next rising edge at 2.5V,
CL = 15pF, fXIN = 14.318MHz, all other PLLs active
(A = 50MHz, B = 60MHz, C = 40MHz)
14.318
14.318
90
450
ps
Unless otherwise stated, VDD = 5.0V ± 10%, no load on any output, and ambient temperature range TA = 0°C to 70°C. Parameters denoted with an asterisk (*) represent
nominal characterization data and are not currently production tested to any specific limits. Min. and max. characterization data are ±3
σ from typical.
Table 14: Serial Interface Timing Specifications
Parameter
Symbol
Conditions/Description
Standard Mode
Units
Min.
Max.
Clock frequency
fSCL
SCL
0
100
kHz
Bus free time between STOP and
START
tBUF
4.7
µs
Set-up time, START (repeated)
tsu:STA
4.7
µs
Hold time, START
tnd:STA
4.0
µs
Set-up time, data input
tsu:DAT
SDA
250
ns
Hold time, data input
thd:DAT
SDA
0
µs
Output data valid from clock
tAA
Minimum delay to bridge undefined region of
the falling edge of SCL to avoid unintended
START or STOP
3.5
µs
Rise time, data and clock
tR
SDA, SCL
1000
ns
Fall time, data and clock
tF
SDA, SCL
300
ns
High time, clock
tHI
SCL
4.0
µs
Low time, clock
tLO
SCL
4.7
µs
Set-up time, STOP
Tsu:STO
4.0
µs
Unless otherwise stated, all power supplies = 3.3V ± 5%, no load on any output, and ambient temperature range TA = 0°C to 70°C. Parameters denoted with an asterisk (*)
represent nominal characterization data and are not currently production tested to any specific limits. Min. and max. characterization data are ±3
σ from typical.
Rev. 4 | Page 19 of 24 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com