Electronic Components Datasheet Search
  English  ▼

X  

FS6377 Datasheet(PDF) 10 Page - ON Semiconductor

Part # FS6377
Description  Programmable 3-PLL Clock Generator IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FS6377 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button FS6377 Datasheet HTML 6Page - ON Semiconductor FS6377 Datasheet HTML 7Page - ON Semiconductor FS6377 Datasheet HTML 8Page - ON Semiconductor FS6377 Datasheet HTML 9Page - ON Semiconductor FS6377 Datasheet HTML 10Page - ON Semiconductor FS6377 Datasheet HTML 11Page - ON Semiconductor FS6377 Datasheet HTML 12Page - ON Semiconductor FS6377 Datasheet HTML 13Page - ON Semiconductor FS6377 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
FS6377
6.0 Programming Information
Table 3: Register Map
Address
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Byte 15
MUX_D2[1:0]
(selected via SEL_CD = 1
MUX_C2[1:0]
(selected via SEL_CD = 1)
PDPOST_D
PDPOST_C PDPOST_B
PDPOST_A
Byte 14
POST_D2[3:0]
(selected via SEL_CD = 1)
POST_C2[3:0]
(selected via SEL_CD = 1)
Byte 13
POST_D1[3:0]
(selected via SEL_CD = 0)
POST_C1[3:0]
(selected via SEL_CD = 0)
Byte 12
POST_B[3:0]
POST_A[3:0]
Byte 11
MUX_D1[1:0]
(selected via SEL_CD = 0)
Reserved (0)
LFTC_C2
(SEL_CD = 1)
CP_C2
(SEL_CD = 1)
FBKDIV_D2[10:8] M-Counter
(selected via SEL_CD pin = 1)
Byte 10
FBKDIV_C2[7:3] M-Counter
(selected via SEL_CD pin = 1)
FBKDIV_C2[2:0] A-Counter
(selected via SEL_CD pin = 1)
Byte 9
REFDIV_C2[7:0]
(selected via SEL_CD pin = 1)
Byte 8
MUX_C1[1:0]
(selected via SEL_CD = 0)
PDPLL_C
LFTC_C1
(SEL_CD = 0)
CP_C1
(SEL_CD = 0)
FBKDIV_c1[10:8] M-Counter
(selected via SEL_CD = 0)
Byte 7
FBKDIV_C1[7:3] M-Counter
(selected via SEL_CD = 0)
FBKDIV_C1[2:0] A-Counter
(selected via SEL_CD = 1)
Byte 6
REFDIV_C1[7:0]
(selected via SEL_CD = 0)
Byte 5
MUX_B[1:0]
PDPLL_B
LFTC_B
CP_B
FBKDIV_B[10:8] M-Counter
Byte 4
FBKDIV_B[7:3] M-Counter
FBKDIV_B[2:0] A-Counter
Byte 3
REFDIV_B[7:0]
Byte 2
MUX_A[1:0]
PDPLL_A
LFTC_A
CP_A
FBKDIV_A[10:8] M-Counter
Byte 1
FBKDIV_A[7:3] M-Counter
FBKDIV_A[2:0] A-Counter
Byte 0
REFDIV_A[7:0]
Note:
All register bits are cleared to zero on power-up.
6.1 Control Bit Assignment
If any PLL control bit is altered during device operation, including those bits controlling the reference and feedback dividers, the output
frequency will slew smoothly (in a glitch-free manner) to the new frequency. The slew rate is related to the programmed loop filter time
constant.
However, any programming changes to any mux or post divider control bits will cause a glitch on an operating clock output.
Rev. 4 | Page 10 of 24 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com