Electronic Components Datasheet Search
  English  ▼

X  

FS6377 Datasheet(PDF) 20 Page - ON Semiconductor

Part # FS6377
Description  Programmable 3-PLL Clock Generator IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FS6377 Datasheet(HTML) 20 Page - ON Semiconductor

Back Button FS6377 Datasheet HTML 16Page - ON Semiconductor FS6377 Datasheet HTML 17Page - ON Semiconductor FS6377 Datasheet HTML 18Page - ON Semiconductor FS6377 Datasheet HTML 19Page - ON Semiconductor FS6377 Datasheet HTML 20Page - ON Semiconductor FS6377 Datasheet HTML 21Page - ON Semiconductor FS6377 Datasheet HTML 22Page - ON Semiconductor FS6377 Datasheet HTML 23Page - ON Semiconductor FS6377 Datasheet HTML 24Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
FS6377
Figure 11: Bus Timing Data
Figure 12: Data Transfer Sequence
8.0 Package Information – For Both ‘Green’ and ‘No-Green’
Table 15: 16-pin SOIC (0.150") Package Dimensions
Dimensions
Inches
Millimeters
Min.
Max.
Min.
Max.
A
0.061
0.068
1.55
1.73
A1
0.004
0.0098
0.102
0.249
A2
0.055
0.061
1.40
1.55
B
0.013
0.019
0.33
0.49
C
0.0075
0.0098
0.191
0.249
D
0.386
0.393
9.80
9.98
E
0.150
0.157
3.81
3.99
e
0.050 BSC
1.27 BSC
H
0.230
0.244
5.84
6.20
h
0.010
0.016
0.25
0.41
L
0.016
0.035
0.41
0.89
Θ
0°
8°
0°
8°
Rev. 4 | Page 20 of 24 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com