Electronic Components Datasheet Search
  English  ▼

X  

LMV981 Datasheet(PDF) 9 Page - ON Semiconductor

Part # LMV981
Description  Single and Dual Low Voltage, Rail-to-Rail Input and Output, Operational Amplifiers with Shutdown
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LMV981 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button LMV981 Datasheet HTML 5Page - ON Semiconductor LMV981 Datasheet HTML 6Page - ON Semiconductor LMV981 Datasheet HTML 7Page - ON Semiconductor LMV981 Datasheet HTML 8Page - ON Semiconductor LMV981 Datasheet HTML 9Page - ON Semiconductor LMV981 Datasheet HTML 10Page - ON Semiconductor LMV981 Datasheet HTML 11Page - ON Semiconductor LMV981 Datasheet HTML 12Page - ON Semiconductor LMV981 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
LMV981, LMV982
http://onsemi.com
9
TYPICAL CHARACTERISTICS
(TA = 25°C and VS = 5 V unless otherwise specified)
Figure 2. Supply Current vs. Supply Voltage
Figure 3. Sourcing Current vs. Output Voltage
(TA = 255C)
Figure 4. Sinking Current vs. Output Voltage
(TA = 255C)
OUTPUT VOLTAGE REFERENCED TO VEE (mV)
Figure 5. Output Voltage Swing vs. Supply
Voltage
SUPPLY VOLTAGE (mV)
Figure 6. Output Voltage vs. Supply Voltage
SUPPLY VOLTAGE (mV)
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.1
1.8
2.2
2.6
3
3.4
3.8
4.2
4.6
5
RL = 600 W
TA = 25°C
VOH
VOL
0
0.002
0.004
0.006
0.008
0.01
0.012
0.014
0.016
0.018
0.02
1.8
2.2
2.6
3
3.4
3.8
4.2
4.6
5
VOH
VOL
RL = 2.0 W
TA = 25°C
VCC = 2.7 V
VCC = 5.0 V
VCC = 1.8 V
0.01
0.1
1
10
100
0.001
0.01
0.1
1.0
10
VCC = 2.7 V
VCC = 5.0 V
VCC = 1.8 V
OUTPUT VOLTAGE REFERENCED TO VCC (mV)
0.01
0.1
1
10
100
0.001
0.01
0.1
1.0
10
0
0.02
0.04
0.06
0.08
0.1
0.12
1.8
2.2
2.6
3
3.4
3.8
4.2
4.6
5
SUPPLY VOLTAGE (V)
25°C
125°C
−40°C
LMV981 (Single)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com