Electronic Components Datasheet Search
  English  ▼

X  

LMV981 Datasheet(PDF) 4 Page - ON Semiconductor

Part # LMV981
Description  Single and Dual Low Voltage, Rail-to-Rail Input and Output, Operational Amplifiers with Shutdown
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LMV981 Datasheet(HTML) 4 Page - ON Semiconductor

  LMV981 Datasheet HTML 1Page - ON Semiconductor LMV981 Datasheet HTML 2Page - ON Semiconductor LMV981 Datasheet HTML 3Page - ON Semiconductor LMV981 Datasheet HTML 4Page - ON Semiconductor LMV981 Datasheet HTML 5Page - ON Semiconductor LMV981 Datasheet HTML 6Page - ON Semiconductor LMV981 Datasheet HTML 7Page - ON Semiconductor LMV981 Datasheet HTML 8Page - ON Semiconductor LMV981 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
LMV981, LMV982
http://onsemi.com
4
1.8 V DC ELECTRICAL CHARACTERISTICS Unless otherwise noted, all min/max limits are guaranteed for TA = 25°C,
V+ = 1.8 V, V− = 0 V, VCM = V+/2, VO = V+/2 and RL > 1 MW. Typical specifications represent the most likely parametric norm.
Parameter
Unit
Max
Typ
Min
Condition
Symbol
Output Short Circuit
Current
IO
Sourcing, Vo = 0 V, VIN = +100 mV
4.0
30
mA
−40°C to +125°C
3.3
Sinking, Vo = 1.8V, VIN = −100 mV
7.0
60
−40°C to +125°C
5.0
Shutdown Enable
Control
VSHDN
Turn−on Voltage to Enable Device
1.0
V
Turn−off Voltage to Shutdown Device
0.55
2. Guaranteed by design and/or characterization.
1.8V AC ELECTRICAL CHARACTERISTICS Unless otherwise specified, all limits are guaranteed for TA = 25°C, V+ = 1.8 V,
V− = 0 V, VCM = 2.0 V,Vo = V+/2 and RL > 1 MW. Typical specifications represent the most likely parametric norm. Min/Max
specifications are guaranteed by testing, characterization, or statistical analysis.
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Slew Rate
SR
(Note 3)
0.35
V/mS
Gain Bandwidth
Product
GBWP
1.4
MHz
Phase Margin
Qm
67
°
Gain Margin
Gm
7
dB
Input−Referred
Voltage Noise
en
f = 50 kHz, VCM = 0.5 V
60
nV/√Hz
Total Harmonic
Distortion
THD
f = 1 kHz, AV = +1, RL = 600 W, VO = 1 VPP
0.023
%
Amplifier−to−Amplifier
Isolation
(Note 4)
123
dB
3. Connected as voltage follower with input step from V− to V+. Number specified is the slower of the positive and negative slew rates.
4. Input referred, RL = 100 kW connected to V+/2. Each amp excited in turn with 1 kHz to produce VO = 3 VPP. (For Supply Voltages < 3 V,
VO = V+).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com