Electronic Components Datasheet Search
  English  ▼

X  

LMV981 Datasheet(PDF) 16 Page - ON Semiconductor

Part # LMV981
Description  Single and Dual Low Voltage, Rail-to-Rail Input and Output, Operational Amplifiers with Shutdown
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LMV981 Datasheet(HTML) 16 Page - ON Semiconductor

Back Button LMV981 Datasheet HTML 12Page - ON Semiconductor LMV981 Datasheet HTML 13Page - ON Semiconductor LMV981 Datasheet HTML 14Page - ON Semiconductor LMV981 Datasheet HTML 15Page - ON Semiconductor LMV981 Datasheet HTML 16Page - ON Semiconductor LMV981 Datasheet HTML 17Page - ON Semiconductor LMV981 Datasheet HTML 18Page - ON Semiconductor LMV981 Datasheet HTML 19Page - ON Semiconductor LMV981 Datasheet HTML 20Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
LMV981, LMV982
http://onsemi.com
16
TYPICAL CHARACTERISTICS
(TA = 25°C and VS = 5 V unless otherwise specified)
Figure 22. Short−Circuit vs. Supply Voltage
(Sinking)
Figure 23. Short−Circuit vs. Supply Voltage
(Sourcing)
−1
0
1
2
3
4
5
6
−0.5
0
0.5
1
1.5
2
2.5
Figure 24. Offset Voltage vs. Common Mode
Range VDD 1.8 V
VCM (V)
25°C
125°C
−40°C
85°C
VS = 1.8 V
−3
−2
−1
0
1
2
3
4
5
6
7
−0.5
0
0.5
1
1.5
2
2.5
3
3.5
Figure 25. Offset Voltage vs. Common Mode
Range VDD 2.7 V
VCM (V)
VS = 2.7 V
85°C
25°C
125°C
−40°C
TEMPERATURE (°C)
TEMPERATURE (°C)
0
10
20
30
40
50
60
70
80
90
100
110
−40
−20
0
20
40
60
80
100
120
VCC = 5 V
VCC = 2.7 V
VCC = 1.8 V
0
10
20
30
40
50
60
70
80
90
100
110
−40
−20
0
20
40
60
80
100
120
VCC = 2.7 V
VCC = 5 V
VCC = 1.8 V
−6
−4
−2
0
2
4
6
8
−1
0
12
3
4
56
Figure 26. Offset Voltage vs. Common Mode
Range VDD 5.0 V
VCM (V)
VS = 5.0 V
85°C
25°C
125°C
−40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com