Electronic Components Datasheet Search
  English  ▼

X  

LMV981 Datasheet(PDF) 3 Page - ON Semiconductor

Part # LMV981
Description  Single and Dual Low Voltage, Rail-to-Rail Input and Output, Operational Amplifiers with Shutdown
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LMV981 Datasheet(HTML) 3 Page - ON Semiconductor

  LMV981 Datasheet HTML 1Page - ON Semiconductor LMV981 Datasheet HTML 2Page - ON Semiconductor LMV981 Datasheet HTML 3Page - ON Semiconductor LMV981 Datasheet HTML 4Page - ON Semiconductor LMV981 Datasheet HTML 5Page - ON Semiconductor LMV981 Datasheet HTML 6Page - ON Semiconductor LMV981 Datasheet HTML 7Page - ON Semiconductor LMV981 Datasheet HTML 8Page - ON Semiconductor LMV981 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
LMV981, LMV982
http://onsemi.com
3
1.8 V DC ELECTRICAL CHARACTERISTICS Unless otherwise noted, all min/max limits are guaranteed for TA = 25°C,
V+ = 1.8 V, V− = 0 V, VCM = V+/2, VO = V+/2 and RL > 1 MW. Typical specifications represent the most likely parametric norm.
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Input Offset Voltage
VIO
LMV981 (Single) (−40°C to +125°C)
1
6
mV
LMV982 (Dual) (−40°C to +125°C)
1
7.5
Input Offset Voltage
Average Drift
TCVIO
5.5
mV/°C
Input Bias Current
(Note 2)
IB
−40°C to +125°C
< 1
nA
Input Offset Current
(Note 2)
IIO
−40°C to +125°C
< 1
nA
Supply Current
(per Channel)
ICC
In Active Mode
75
185
mA
−40°C to +125°C
205
In Shutdown: LMV981 (Single)
1.0
−40°C to +125°C
2.0
In Shutdown: LMV982 (Dual)
3.5
−40°C to +125°C
5.0
Common Mode
Rejection Ratio
CMRR
0 V v VCM v 0.6 V, 1.4 V v VCM v 1.8 V
40
dB
− 40°C to +125°C
40
−0.2 V v VCM v 0 V, 1.8 V v VCM v 2 V
40
Power Supply
Rejection Ratio
PSRR
1.8 V v V+ v 5 V, VCM = 0.5 V
50
70
dB
−40°C to +125°C
50
Input Common−Mode
Voltage Range
VCM
For CMRR w 50 dB and TA = 25°C
V−
− 0.2
−0.2
to 2.1
V+
+ 0.2
V
For CMRR w 50 dB and TA = − 40°C to +85°C
V −
V+
For CMRR w 50 dB and TA = − 40°C to +125°C
V−
+ 0.2
V+
− 0.2
Large Signal Voltage
Gain LMV981
(Single) (Note 2)
AV
RL = 600 W to 0.9 V, VO = 0.2 V to 1.6 V, VCM = 0.5 V
77
101
dB
−40°C to +125°C
73
RL = 2 kW to 0.9V, VO = 0.2 V to 1.6 V, VCM = 0.5 V
80
105
−40°C to +125°C
75
Large Signal Voltage
Gain LMV982 (Dual)
(Note 2)
RL = 600 W to 0.9 V, VO = 0.2 V to 1.6 V, VCM = 0.5 V
75
90
−40°C to +125°C
72
RL = 2 kW to 0.9 V, VO = 0.2 V to 1.6 V,VCM = 0.5 V
78
100
−40°C to +125°C
75
Output Swing
VOH
RL = 600 W to 0.9V, VIN = $100 mV
1.65
1.72
V
−40°C to +125°C
1.63
VOL
RL = 600 W to 0.9V, VIN = $100 mV
0.077
0.105
−40°C to +125°C
0.12
VOH
RL = 2 kW to 0.9V, VIN = $100 mV
1.75
1.77
−40°C to +125°C
1.74
VOL
RL = 2 kW to 0.9 V, VIN = $100 mV
0.24
0.035
−40°C to +125°C
0.04
2. Guaranteed by design and/or characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com