Electronic Components Datasheet Search
  English  ▼

X  

LMV981 Datasheet(PDF) 2 Page - ON Semiconductor

Part # LMV981
Description  Single and Dual Low Voltage, Rail-to-Rail Input and Output, Operational Amplifiers with Shutdown
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LMV981 Datasheet(HTML) 2 Page - ON Semiconductor

  LMV981 Datasheet HTML 1Page - ON Semiconductor LMV981 Datasheet HTML 2Page - ON Semiconductor LMV981 Datasheet HTML 3Page - ON Semiconductor LMV981 Datasheet HTML 4Page - ON Semiconductor LMV981 Datasheet HTML 5Page - ON Semiconductor LMV981 Datasheet HTML 6Page - ON Semiconductor LMV981 Datasheet HTML 7Page - ON Semiconductor LMV981 Datasheet HTML 8Page - ON Semiconductor LMV981 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
LMV981, LMV982
http://onsemi.com
2
PIN CONNECTIONS
(Top View)
SC70−6
+IN
VEE
−IN
VCC
OUT
−
+
2
1
3
6
4
OUT A 1
2
3
4
− +
+ −
10
9
8
7
IN A−
IN A+
VEE
VCC
OUT B
IN B−
IN B+
A
B
Micro10
(Top View)
5
SHDN
5
6
SHDN A
SHDN B
ULLGA8/QFN
VEE
1
2
3
4
8
7
5
6
IN+
IN−
VCC
SHDN
OUT
NC
NC
NC − No internal connection
(Top View)
−
+
12
5
4
3
8
9
10
76
(Top View)
+INB
SHDN B
SHDN A
−INB
OUTB
VEE
+INA
−INA
OUTA
VCC
UQFN10
−
+
+
−
MAXIMUM RATINGS
Symbol
Rating
Value
Unit
VS
Supply Voltage (Operating Range VS = 2.7 V to 5.5 V)
5.5
V
VIDR
Input Differential Voltage
$Supply Voltage
V
VICR
Input Common Mode Voltage Range
−0.5 to (V+) + 0.5
V
Maximum Input Current
10
mA
tSo
Output Short Circuit (Note 1)
Continuous
TJ
Maximum Junction Temperature (Operating Range −40°C to 85°C)
150
°C
qJA
Thermal Resistance
SC−70
ULLGA8
Micro10
UQFN10
280
340
200
300
°C/W
Tstg
Storage Temperature (SOT23−6)
−65 to 150
°C
Mounting Temperature (Infrared or Convection −30 sec)
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may
affect device reliability.
ESD data available upon request.
1. Continuous short−circuit operation to ground at elevated ambient temperature can result in exceeding the maximum allowed junction
temperature of 150°C. Output currents in excess of 45 mA over long term may adversely affect reliability. Shorting output to either V+
or V− will adversely affect reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com