Electronic Components Datasheet Search
  English  ▼

X  

TAS5616 Datasheet(PDF) 4 Page - Texas Instruments

Part # TAS5616
Description  160-W STEREO / 300-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5616 Datasheet(HTML) 4 Page - Texas Instruments

  TAS5616 Datasheet HTML 1Page - Texas Instruments TAS5616 Datasheet HTML 2Page - Texas Instruments TAS5616 Datasheet HTML 3Page - Texas Instruments TAS5616 Datasheet HTML 4Page - Texas Instruments TAS5616 Datasheet HTML 5Page - Texas Instruments TAS5616 Datasheet HTML 6Page - Texas Instruments TAS5616 Datasheet HTML 7Page - Texas Instruments TAS5616 Datasheet HTML 8Page - Texas Instruments TAS5616 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
TAS5616
SLAS596B – JUNE 2009 – REVISED JANUARY 2010
www.ti.com
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted
(1)
TAS5616
UNIT
VDD to AGND
–0.3 to 13.2
V
GVDD to AGND
–0.3 to 13.2
V
PVDD_X to GND_X(2)
–0.3 to 69.0
V
OUT_X to GND_X(2)
–0.3 to 69.0
V
BST_X to GND_X(2)
–0.3 to 82.2
V
BST_X to GVDD_X(2)
–0.3 to 69.0
V
VREG to AGND
–0.3 to 4.2
V
GND_X to GND
–0.3 to 0.3
V
GND_X to AGND
–0.3 to 0.3
V
GND to AGND
–0.3 to 0.3
V
OC_ADJ, M1, M2, M3, VI_CM, C_STARTUP, PSU_REF to AGND
–0.3 to 4.2
V
INPUT_X
–0.3 to 5.0
V
RESET, SD, OTW1, OTW2, CLIP, READY to AGND
–0.3 to 7.0
V
Maximum continuous sink current (SD, OTW1, OTW2, CLIP, READY)
9
mA
Maximum operating junction temperature range, TJ
0 to 150
°C
Storage temperature, Tstg
–40 to 150
°C
Human-Body Model (3) (all pins)
±2
kV
Electrostatic discharge
Charged-Device Model (3) (all pins)
±500
V
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
These voltages represents the DC voltage + peak AC waveform measured at the terminal of the device in all conditions.
(3)
Failure to follow good anti-static ESD handling during manufacture and rework will contribute to device malfunction. Please ensure
operators handling the device are adequately grounded through the use of ground straps or alternative ESD protection.
RECOMMENDED OPERATING CONDITIONS
MIN NOM
MAX
UNIT
Half-bridge supply
25
50
52.5
PVDD_x
DC supply voltage
V
Half-bridge supply, BTL 4
Ω load
25
38
40
Supply for logic regulators and gate-drive
GVDD_x
DC supply voltage
10.8
12
13.2
V
circuitry
VDD
Digital regulator supply voltage
DC supply voltage
10.8
12
13.2
V
RL(BTL)
7
8
Output filter according to
RL(SE)
Load impedance
schematics in the application
3.5
4
Ω
information section.
RL(PBTL)
3.5
4
LOUTPUT(BTL)
14
15
Minimum output inductance under
LOUTPUT(SE)
Output filter inductance
14
15
mH
short-circuit condition
LOUTPUT(PBTL)
14
15
FPWM
PWM frame rate
352
384
500
kHz
TJ
Junction temperature
0
150
°C
4
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s) :TAS5616



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com