Electronic Components Datasheet Search
  English  ▼

X  

TAS5616 Datasheet(PDF) 6 Page - Texas Instruments

Part # TAS5616
Description  160-W STEREO / 300-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5616 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TAS5616 Datasheet HTML 2Page - Texas Instruments TAS5616 Datasheet HTML 3Page - Texas Instruments TAS5616 Datasheet HTML 4Page - Texas Instruments TAS5616 Datasheet HTML 5Page - Texas Instruments TAS5616 Datasheet HTML 6Page - Texas Instruments TAS5616 Datasheet HTML 7Page - Texas Instruments TAS5616 Datasheet HTML 8Page - Texas Instruments TAS5616 Datasheet HTML 9Page - Texas Instruments TAS5616 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
2-CHANNEL
H-BRIDGE
BTL MODE
Output
H-Bridge 2
Hardwire
Over-
Current
Limit
8
PVDD
PowerSupply
Decoupling
GVDD, VDD,
& VREG
PowerSupply
Decoupling
SYSTEM
Power
Supplies
PVDD
GVDD (12V)/VDD (12V)
GND
50V
12V
GND
VAC
Bootstrap
Caps
BST_C
BST_D
2
nd Order
L-COutput
Filterfor
each
H-Bridge
OUT_C
OUT_D
Bootstrap
Caps
BST_A
BST_B
INPUT_A
2
nd Order
L-COutput
Filterfor
each
H-Bridge
OUT_A
OUT_B
8
4
Output
H-Bridge 1
Input
H-Bridge 1
INPUT_B
M2
M1
M3
Hardwire
Mode
Control
Input
H-Bridge 2
INPUT_C
INPUT_D
Caps for
External
Filtering
&
Startup/Stop
System
microcontroller
PWM_A
PWM_B
PWM_C
PWM_D
2
2
2
2
(2)
TAS5518/
TAS5508/
TAS5086
I2C
Left-
Channel
Output
Right-
Channel
Output
VALID
/RESET
/AMP RESET
*NOTE1
*NOTE1: Logic ANDinoroutsidemicrocontroller
TAS5616
SLAS596B – JUNE 2009 – REVISED JANUARY 2010
www.ti.com
TERMINAL FUNCTIONS (continued)
TERMINAL
FUNCTION(1)
DESCRIPTION
PHD
DKD
NAME
NO.
NO.
Power supply for digital voltage regulator requires a 10-mF capacitor in parallel with a 0.1-mF
VDD
64
2
P
capacitor to GND for decoupling.
VI_CM
6
8
O
Analog comparator reference input requires close decoupling of 4.7 mF to AGND
VREG
9
11
P
Digital regulator supply filter pin requires 0.1-mF capacitor to AGND
TYPICAL SYSTEM BLOCK DIAGRAM
6
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s) :TAS5616



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com