Electronic Components Datasheet Search
  English  ▼

X  

TAS5616 Datasheet(PDF) 1 Page - Texas Instruments

Part # TAS5616
Description  160-W STEREO / 300-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5616 Datasheet(HTML) 1 Page - Texas Instruments

  TAS5616 Datasheet HTML 1Page - Texas Instruments TAS5616 Datasheet HTML 2Page - Texas Instruments TAS5616 Datasheet HTML 3Page - Texas Instruments TAS5616 Datasheet HTML 4Page - Texas Instruments TAS5616 Datasheet HTML 5Page - Texas Instruments TAS5616 Datasheet HTML 6Page - Texas Instruments TAS5616 Datasheet HTML 7Page - Texas Instruments TAS5616 Datasheet HTML 8Page - Texas Instruments TAS5616 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
PurePath
TM HD
Power Supply
Ref. Design
110 VAC
240 VAC
®
TAS5630
25 V–50 V
ANALOG
AUDIO
INPUT
12 V
PurePath
TM HD
TAS5616
(2.1 Configuration)
TAS3308
Digital Audio
Processor
With Analog Interface
DIGITAL
AUDIO
INPUT
+3.3V
REG.
♪
♪
♪
TAS5616
www.ti.com
SLAS596B – JUNE 2009 – REVISED JANUARY 2010
160-W STEREO / 300-W MONO PurePath™ HD DIGITAL-INPUT POWER STAGE
Check for Samples: TAS5616
1
FEATURES
APPLICATIONS
•
Mini Combo System
23
•
PurePath™ HD Enabled Integrated Feedback
Provides:
•
AV Receivers
•
DVD Receivers
–
Signal Bandwidth up to 80 kHz for
High-Frequency Content From HD Sources
•
Active Speakers
–
Ultralow 0.03% THD at 1 W into 8
Ω
DESCRIPTION
–
Flat THD at All Frequencies for Natural
Sound
The TAS5616 is a high-performance PWM-input
class-D
amplifier
with
integrated
closed-loop
–
80-dB PSRR (BTL, No Input Signal)
feedback technology (known as PurePath™ HD
–
>100-dB (A-weighted) SNR
technology). It has the ability to drive up to 160-W
–
Click- and Pop-Free Startup
(1) stereo into 8-Ω speakers from a single 50-V
supply.
–
Minimal External Components Compared to
Discrete Solutions
PurePath™
HD
technology
enables
traditional
•
Multiple Configurations Possible on the Same
AB-amplifier performance (<0.03% THD) levels while
providing the power efficiency of traditional class-D
PCB With Stuffing Options:
amplifiers.
–
Mono Parallel Bridge-Tied Load (PBTL)
Ultralow 0.03% THD+N is flat across all frequencies,
–
Stereo Bridge-Tied Load (BTL)
ensuring that the amplifier does not add uneven
–
2.1 Single-Ended Stereo Pair and
distortion characteristics, and helps maintain a natural
Bridge-Tied Load Subwoofer
sound.
–
Quad Single-Ended Outputs
The efficiency of this class-D amplifier is greater than
•
Total Output Power at 10% THD+N
90%.
Undervoltage
protection,
overtemperature,
–
330 W in Mono PBTL Configuration
clipping, short-circuit and overcurrent protection are
all integrated, safeguarding the device and speakers
–
160 W per Channel in Stereo BTL
against fault conditions that could damage the
Configuration
system. PurePath HD™
–
80 W per Channel in Quad Single-Ended
Configuration
•
High-Efficiency Power Stage (>90%) With
120-m
Ω Output MOSFETs
•
Two Thermally Enhanced Package Options:
–
PHD (64-Pin QFP)
–
DKD (44-Pin PSOP3)
•
Self-Protection Design (Including
Undervoltage, Overtemperature, Clipping, and
Short-Circuit Protection) With Error Reporting
•
EMI Compliant When Used With
Recommended System Design
(1)
Achievable output power levels are dependent on the thermal
configuration of the target application. A high performance
thermal interface material between the package exposed
thermal pad and the heat sink should be used to achieve high
output power levels.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PurePath HD is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TAS5616

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5616 TI1-TAS5616 Datasheet
1Mb / 36P
160-W STEREO / 300-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5616 TI1-TAS5616_14 Datasheet
1Mb / 36P
160-W STEREO / 300-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
More results

Similar Description - TAS5616

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5615 TI-TAS5615 Datasheet
1Mb / 30P
160 W STEREO/300W MONO PurePath??HD Analog-Input Power Stage
TAS5631 TI-TAS5631 Datasheet
1Mb / 33P
300-W STEREO / 600-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5615 TI-TAS5615_10 Datasheet
1Mb / 34P
160 W STEREO/300W MONO PurePath??HD Analog-Input Power Stage
TAS5631B TI1-TAS5631B Datasheet
1Mb / 32P
300-W STEREO / 600-W MONO PurePath HD DIGITAL-INPUT POWER STAGE
NOVEMBER2010
TAS5630B TI1-TAS5630B Datasheet
2Mb / 36P
300-W STEREO / 400-W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5630PHDR TI-TAS5630PHDR Datasheet
2Mb / 35P
300-W STEREO / 600-W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5630BPHDR TI1-TAS5630BPHDR Datasheet
2Mb / 36P
300-W STEREO / 400-W MONO PurePath HD ANALOG-INPUT POWER STAGE
TAS5616 TI1-TAS5616_14 Datasheet
1Mb / 36P
160-W STEREO / 300-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5631 TI1-TAS5631_14 Datasheet
1Mb / 36P
300-W STEREO / 600-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5631B TI-TAS5631B_15 Datasheet
1Mb / 35P
300-W STEREO / 400-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com