Electronic Components Datasheet Search
  English  ▼

X  

TAS5616 Datasheet(PDF) 8 Page - Texas Instruments

Part # TAS5616
Description  160-W STEREO / 300-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5616 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TAS5616 Datasheet HTML 4Page - Texas Instruments TAS5616 Datasheet HTML 5Page - Texas Instruments TAS5616 Datasheet HTML 6Page - Texas Instruments TAS5616 Datasheet HTML 7Page - Texas Instruments TAS5616 Datasheet HTML 8Page - Texas Instruments TAS5616 Datasheet HTML 9Page - Texas Instruments TAS5616 Datasheet HTML 10Page - Texas Instruments TAS5616 Datasheet HTML 11Page - Texas Instruments TAS5616 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
TAS5616
SLAS596B – JUNE 2009 – REVISED JANUARY 2010
www.ti.com
AUDIO CHARACTERISTICS (BTL)
Audio performance is recorded as a chipset consisting of a TAS5518 PWM Processor (modulation index limited to 97.7%)
and a TAS5616 power stage. PCB and system configuration are in accordance with recommended guidelines. Audio
frequency = 1kHz, PVDD_X = 50 V, GVDD_X = 12 V, RL = 4Ω, fS = 384 kHz, ROC = 24 kΩ, TC = 75°C, Output Filter: LDEM =
15 mH, CDEM = 680 nF, MODE = 000, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RL = 8 Ω, 10% THD+N
160
PO
Power output per channel
W
RL = 8 Ω, 1% THD+N
125
Total harmonic distortion +
THD+N
1 W
0.03%
noise
Vn
Output integrated noise
A-weighted, TAS5518 Modulator
185
mV
|VOS|
Output offset supply
No signal
40
150
mV
SNR
Signal to noise ratio(1)
A-weighted, TAS5518 Modulator
103
dB
DNR
Dynamic range
A-weighted, input level –60 dBFS using TAS5518 modulator
103
dB
Power dissipation due to idle
Pidle
PO = 0, 4 channels switching
(2)
1.8
W
losses (IPVDD_X)
(1)
SNR is calculated relative to 1% THD+N output level.
(2)
Actual system idle losses also are affected by core losses of output inductors.
AUDIO SPECIFICATION (Single-Ended Output)
Audio performance is recorded as a chipset consisting of a TAS5086 PWM Processor (modulation index limited to 97.7%)
and a TAS5616 power stage. PCB and system configuration are in accordance with recommended guidelines. Audio
frequency = 1kHz, PVDD_X = 50 V, GVDD_X = 12 V, RL = 4Ω, fS = 384 kHz, ROC_PHD = 22 kΩ, or ROC_DLD = 24 kΩ, TC =
75°C, Output Filter: LDEM = 15 mH, CDEM = 330 nF, MODE = 100, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
RL = 4 Ω, 10%, THD+N
75
PO
Power output per channel
W
RL = 4 Ω, 0 dBFS
60
THD+N
Total harmonic distortion + noise
1 W
0.05%
Vn
Output integrated noise
A-weighted, TAS5086 modulator
170
mV
SNR
Signal to noise ratio(1)
A-weighted, TAS5086 modulator
98
dB
A-weighted, input level –60 dBFS using TAS5086
DNR
Dynamic range
98
dB
modulator
Power dissipation due to idle losses
Pidle
PO = 0, 4 channels switching
(2)
2
W
(IPVDD_X)
(1)
SNR is calculated relative to 1% THD+N output level
(2)
Actual system idle losses are affected by core losses of output inductors.
AUDIO SPECIFICATION (PBTL)
Audio performance is recorded as a chipset consisting of a TAS5518 PWM Processor (modulation index limited to 97.7%)
and a TAS5616 power stage. PCB and system configuration are in accordance with recommended guidelines. Audio
frequency = 1kHz, PVDD_X = 50 V, GVDD_X = 12 V, RL = 4Ω, fS = 384 kHz, ROC_PHD = 22 kΩ, ROC_DKD = 24 kΩ, TC = 75°C,
Output Filter: LDEM = 15 mH, CDEM = 680 nF, MODE = 101-00, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RL = 4 Ω, 10%, THD+N
300
PO
Power output per channel
W
RL = 4 Ω, 1%, THD+N
210
THD+N
Total harmonic distortion + noise
1 W
0.03%
Vn
Output integrated noise
A-weighted, TAS5518 modulator
180
mV
SNR
Signal to noise ratio(1)
A-weighted, TAS5518 modulator
103
dB
A-weighted, input level –60 dBFS using
DNR
Dynamic range
103
dB
TAS5518 modulator
Pidle
Power dissipation due to idle losses (IPVDD_X) PO = 0, 4 channels switching
(2)
1.8
W
(1)
SNR is calculated relative to 1% THD+N output level
(2)
Actual system idle losses are affected by core losses of output inductors.
8
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s) :TAS5616



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com