Electronic Components Datasheet Search
  English  ▼

X  

TAS5616 Datasheet(PDF) 24 Page - Texas Instruments

Part # TAS5616
Description  160-W STEREO / 300-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5616 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TAS5616 Datasheet HTML 20Page - Texas Instruments TAS5616 Datasheet HTML 21Page - Texas Instruments TAS5616 Datasheet HTML 22Page - Texas Instruments TAS5616 Datasheet HTML 23Page - Texas Instruments TAS5616 Datasheet HTML 24Page - Texas Instruments TAS5616 Datasheet HTML 25Page - Texas Instruments TAS5616 Datasheet HTML 26Page - Texas Instruments TAS5616 Datasheet HTML 27Page - Texas Instruments TAS5616 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
TAS5616
SLAS596B – JUNE 2009 – REVISED JANUARY 2010
www.ti.com
PRINTED CIRCUIT BOARD RECOMMENDATION
Use an unbroken ground plane to have good low impedance and inductance return path to the power supply for
power and audio signals. PCB layout, audio performance and EMI are linked closely together. The circuit
contains high fast switching currents; therefore, care must be taken to prevent damaging voltage spikes. Routing
the audio input should be kept short and together with the accompanied audio source ground. A local ground
area underneath the device is important to keep solid to minimize ground bounce.
Netlist for this printed circuit board is generated from the schematic in Figure 14.
Note T1: PVDD decoupling bulk capacitors C60-C64 should be as close as possible to the PVDD and GND_X pins,
the heat sink sets the distance. Wide traces should be routed on the top layer with direct connection to the pins and
without going through vias. No vias or traces should be blocking the current path.
Note T2: Close decoupling of PVDD with low impedance X7R ceramic capacitors is placed under the heat sink and
close to the pins.
Note T3: Heat sink needs to have a good connection to PCB ground.
Note T4: Output filter capacitors must be linear in the applied voltage range preferable metal film types.
Figure 19. Printed Circuit Board - Top Layer
24
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s) :TAS5616



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com