Electronic Components Datasheet Search
  English  ▼

X  

TPS22921 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22921
Description  LOW INPUT VOLTAGE, ULTRA-LOW rON LOAD SWITCHES
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22921 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS22921 Datasheet HTML 2Page - Texas Instruments TPS22921 Datasheet HTML 3Page - Texas Instruments TPS22921 Datasheet HTML 4Page - Texas Instruments TPS22921 Datasheet HTML 5Page - Texas Instruments TPS22921 Datasheet HTML 6Page - Texas Instruments TPS22921 Datasheet HTML 7Page - Texas Instruments TPS22921 Datasheet HTML 8Page - Texas Instruments TPS22921 Datasheet HTML 9Page - Texas Instruments TPS22921 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
SWITCHING CHARACTERISTICS
SWITCHING CHARACTERISTICS
TPS22921, TPS22922, TPS22922B
SLVS749A – NOVEMBER 2008 – REVISED DECEMBER 2008........................................................................................................................................ www.ti.com
VIN = 1.0 V, TA = 25°C (unless otherwise noted)
TPS22921
TPS22922(1)
TPS22922B(1)
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP MAX
CL = 0.1 µF
105
105
549
tON
Turn-ON time
RL = 500 Ω,
CL = 1 µF
136
136
613
µs
CL = 3 µF
157
157
683
CL = 0.1 µF
46
28
28
tOFF
Turn-OFF time
RL = 500 Ω,
CL = 1 µF
309
186
186
µs
CL = 3 µF
983
511
511
CL = 0.1 µF
51
51
386
tr
VOUT rise time
RL = 500 Ω,
CL = 1 µF
78
78
388
µs
CL = 3 µF
88
88
419
CL = 0.1 µF
121
34
34
tf
VOUT fall time
RL = 500 Ω,
CL = 1 µF
986
306
306
µs
CL = 3 µF
3300
908
908
(1)
RL_CHIP = 120
Ω
VIN = 1.1 V, TA = 25°C (unless otherwise noted)
TPS22921
TPS22922(1)
TPS22922B(1)
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP MAX
CL = 0.1 µF
91
93
484
tON
Turn-ON time
RL = 500 Ω,
CL = 1 µF
118
118
540
µs
CL = 3 µF
137
137
599
CL = 0.1 µF
44
21
21
tOFF
Turn-OFF time
RL = 500 Ω,
CL = 1 µF
311
144
144
µs
CL = 3 µF
99
383
383
CL = 0.1 µF
46
46
335
tr
VOUT rise time
RL = 500 Ω,
CL = 1 µF
60
60
336
µs
CL = 3 µF
76
76
363
CL = 0.1 µF
122
29
29
tf
VOUT fall time
RL = 500 Ω,
CL = 1 µF
1000
224
224
µs
CL = 3 µF
3300
732
732
(1)
RL_CHIP = 120
Ω
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPS22921 TPS22922 TPS22922B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com