Electronic Components Datasheet Search
  English  ▼

X  

TPS22921 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22921
Description  LOW INPUT VOLTAGE, ULTRA-LOW rON LOAD SWITCHES
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22921 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TPS22921 Datasheet HTML 11Page - Texas Instruments TPS22921 Datasheet HTML 12Page - Texas Instruments TPS22921 Datasheet HTML 13Page - Texas Instruments TPS22921 Datasheet HTML 14Page - Texas Instruments TPS22921 Datasheet HTML 15Page - Texas Instruments TPS22921 Datasheet HTML 16Page - Texas Instruments TPS22921 Datasheet HTML 17Page - Texas Instruments TPS22921 Datasheet HTML 18Page - Texas Instruments TPS22921 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
TPS22921
Time ( s)
µ
–200
0
20
40
60
80
100
120
140
160
180
1.38
1.30
1.20
1.10
1.00
0.90
0.80
0.70
0.60
0.50
0.40
0.30
0.20
0.10
0.00
–0.10
–0.22
0.014
0.013
0.012
0.011
0.010
0.009
0.008
0.007
0.006
0.005
0.004
0.003
0.002
0.001
0.000
–0.001
–0.002
R = 500
V
= 3.3 V
C = 0.1 F
L
IN
L
W
µ
IOUT
VON
Time ( s)
µ
–2.0
0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
3.50
3.40
3.20
3.00
2.80
2.60
2.40
2.20
2.00
1.80
0.80
1.60
0.60
1.40
0.40
1.20
0.20
1.00
0.00
–0.40
–0.20
–0.50
0.35
0.34
0.32
0.30
0.28
0.26
0.24
0.22
0.20
0.18
0.16
0.06
0.14
0.04
0.12
0.02
0.10
0.00
0.08
–0.04
–0.02
–0.05
R = 10
V
= 3.3 V
C = 0.1 F
L
IN
L
W
µ
IOUT
VON
Time ( s)
µ
–3.5
–2.0
–3.0
–1.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0 6.5
1.20
1.10
1.00
0.90
0.80
0.70
0.60
0.50
0.40
0.30
0.20
0.10
0.00
–0.30
–0.20
–0.10
–0.40
0.012
0.011
0.010
0.009
0.008
0.007
0.006
0.002
0.005
0.001
0.004
0.000
–0.001
0.003
–0.003
–0.002
–0.004
R = 500
V
= 3.3 V
C = 3.3 F
L
IN
L
W
µ
IOUT
VON
Time ( s)
µ
–20
0
20
40
60
80
100
120
140
160
180
1.20
1.10
1.00
0.90
0.80
0.70
0.60
0.50
0.40
0.30
0.20
0.10
0.00
–0.30
–0.20
–0.10
–0.40
0.600
0.550
0.500
0.450
0.400
0.350
0.300
0.100
0.050
0.250
0.200
0.000
–0.050
0.150
–0.150
–0.100
–0.200
R = 10
V
= 3.3 V
C = 3.3 F
L
IN
L
W
µ
IOUT
VON
Time ( s)
µ
–20
0
20
40
60
80
100
120
140
160
180
1.20
1.10
1.00
0.90
0.80
0.70
0.60
0.50
0.40
0.30
0.20
0.10
0.00
–0.30
–0.20
–0.10
–0.40
0.006
0.005
0.004
0.003
0.001
0.002
0.000
–0.001
–0.002
R = 500
V
= 1 V
C = 0.1 F
L
IN
L
W
µ
IOUT
VON
Time ( s)
µ
–2.0
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
1.20
1.10
1.00
0.90
0.80
0.70
0.60
0.50
0.40
0.30
0.20
0.10
0.00
–0.30
–0.20
–0.10
–0.40
0.12
0.11
0.10
0.09
0.08
0.07
0.06
0.02
0.05
0.01
0.04
0.00
–0.01
0.03
–0.03
–0.02
–0.04
R = 10
V
= 1 V
C = 0.1 F
L
IN
L
W
µ
IOUT
VON
TPS22921, TPS22922, TPS22922B
www.ti.com........................................................................................................................................ SLVS749A – NOVEMBER 2008 – REVISED DECEMBER 2008
TYPICAL CHARACTERISTICS (continued)
Figure 23. tOFF Response
Figure 24. tOFF Response
Figure 25. tOFF Response
Figure 26. tOFF Response
Figure 27. tOFF Response
Figure 28. tOFF Response
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s): TPS22921 TPS22922 TPS22922B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com