Electronic Components Datasheet Search
  English  ▼

X  

TPS22921 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22921
Description  LOW INPUT VOLTAGE, ULTRA-LOW rON LOAD SWITCHES
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22921 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS22921 Datasheet HTML 8Page - Texas Instruments TPS22921 Datasheet HTML 9Page - Texas Instruments TPS22921 Datasheet HTML 10Page - Texas Instruments TPS22921 Datasheet HTML 11Page - Texas Instruments TPS22921 Datasheet HTML 12Page - Texas Instruments TPS22921 Datasheet HTML 13Page - Texas Instruments TPS22921 Datasheet HTML 14Page - Texas Instruments TPS22921 Datasheet HTML 15Page - Texas Instruments TPS22921 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
Input Voltage, V
(V)
ON
–0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.3
0.4
0.5
0.6
0.7
0.8
—V
= 3.6 V
IN
V
= 3.3 V
V
= 3 V
V
= 2.5 V
V
= 1.8 V
V
= 1.5 V
V
= 1.2 V
V
= 1.1 V
V
= 1 V
V
= 0.9 V
IN
IN
IN
IN
IN
IN
IN
IN
IN
—
—
—
—
—
—
—
—
—
Temperature (°C)
0
25
50
75
100
125
150
175
200
225
250
275
–40
25
85
TPS22921
Temperature (°C)
0
10
20
30
40
50
60
70
80
90
100
110
120
130
–50 –40 –30 –20 –10
0
10
20
30
40
50
60
70
80
90 100
tfall
trise
Temperature, T (°C)
A
25.0
27.5
30.0
32.5
35.0
37.5
40.0
42.5
45.0
47.5
50.0
–50 –40 –30 –20 –10
0
10
20
30
40
50
60
70
80
90 100
tON
TOFF
TPS22921, TPS22922, TPS22922B
SLVS749A – NOVEMBER 2008 – REVISED DECEMBER 2008........................................................................................................................................ www.ti.com
TYPICAL CHARACTERISTICS (continued)
Figure 10. IIN (OFF) vs Temperature (VIN = 3.3 V)
Figure 11. ON-Input Threshold
Figure 12. tON/tOFF vs Temperature (VIN = 3.3 V)
Figure 13. trise/tfall vs Temperature (VIN = 3.3 V)
12
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPS22921 TPS22922 TPS22922B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com