Electronic Components Datasheet Search
  English  ▼

X  

TPS22921 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22921
Description  LOW INPUT VOLTAGE, ULTRA-LOW rON LOAD SWITCHES
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22921 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS22921 Datasheet HTML 10Page - Texas Instruments TPS22921 Datasheet HTML 11Page - Texas Instruments TPS22921 Datasheet HTML 12Page - Texas Instruments TPS22921 Datasheet HTML 13Page - Texas Instruments TPS22921 Datasheet HTML 14Page - Texas Instruments TPS22921 Datasheet HTML 15Page - Texas Instruments TPS22921 Datasheet HTML 16Page - Texas Instruments TPS22921 Datasheet HTML 17Page - Texas Instruments TPS22921 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
TPS22921 and TPS22922
3.0
2.8
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
–0.4
0.0
–0.6
–0.2
–0.8
–1.0
0.03
0.02
0.01
0.00
–0.01
R = 500
V
= 3.3 V
C = 1 F
L
IN
L
W
µ
t
= 40
ON
µs
I
= 6.6 mA
OUT
ON = 1.8 V
3.0
2.8
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
–0.4
0.0
–0.6
–0.2
–0.8
–1.0
0.03
0.02
0.01
0.00
–0.01
R = 500
V
= 3.3 V
C = 3 F
L
IN
L
W
µ
I
= 6.6 mA
OUT
ON = 1.8 V
t
= 40
ON
µs
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
–0.1
0.1
–0.2
0.0
–0.3
–0.4
0.01
0.00
R = 500
V
= 1 V
C = 1 F
L
IN
L
W
µ
I
= 2 mA
OUT
ON = 0.85 V
t
= 145 µs
ON
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
–0.1
0.1
–0.2
0.0
–0.3
–0.4
0.01
0.00
R =500
V
=1V
C =0.1 F
L
IN
L
W
µ
I
=2mA
OUT
ON=0.85V
t
=100 s
ON
µ
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
–0.1
0.1
–0.2
0.0
–0.3
–0.4
0.01
0.00
R = 500
V
= 1 V
C = 3 F
L
IN
L
W
µ
I
= 2 mA
OUT
ON = 0.85 V
t
= 160 µs
ON
TPS22921, TPS22922, TPS22922B
SLVS749A – NOVEMBER 2008 – REVISED DECEMBER 2008........................................................................................................................................ www.ti.com
TYPICAL CHARACTERISTICS (continued)
Figure 18. tON Response
Figure 19. tON Response
Figure 20. tON Response
Figure 21. tON Response
Figure 22. tON Response
14
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPS22921 TPS22922 TPS22922B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com