Electronic Components Datasheet Search
  English  ▼

X  

TPS22921 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22921
Description  LOW INPUT VOLTAGE, ULTRA-LOW rON LOAD SWITCHES
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22921 Datasheet(HTML) 1 Page - Texas Instruments

  TPS22921 Datasheet HTML 1Page - Texas Instruments TPS22921 Datasheet HTML 2Page - Texas Instruments TPS22921 Datasheet HTML 3Page - Texas Instruments TPS22921 Datasheet HTML 4Page - Texas Instruments TPS22921 Datasheet HTML 5Page - Texas Instruments TPS22921 Datasheet HTML 6Page - Texas Instruments TPS22921 Datasheet HTML 7Page - Texas Instruments TPS22921 Datasheet HTML 8Page - Texas Instruments TPS22921 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
YFP, YZP, AND YZTPACKAGES
LaserMarkingView
BumpView
C
B
2
1
A
C
B
1
2
A
TPS22921, TPS22922, TPS22922B
www.ti.com........................................................................................................................................ SLVS749A – NOVEMBER 2008 – REVISED DECEMBER 2008
LOW INPUT VOLTAGE, ULTRA-LOW rON LOAD SWITCHES
• PDAs
• Input Voltage: 0.9 V to 3.6 V
• Cell Phones
• Ultra-Low ON Resistance
• GPS Devices
–
rON = 14 mΩ at VIN = 3.6 V
• MP3 Players
–
rON = 20 mΩ at VIN = 2.5 V
• Peripheral Ports
–
rON = 33 mΩ at VIN = 1.8 V
• Portable Media Players
–
rON = 67 mΩ at VIN = 1.2 V
• RF Modules
–
rON = 116 mΩ at VIN = 1.0 V
• 2-A Maximum Continuous Switch Current
• Ultra-Low Quiescent Current: 78 nA at 1.8 V
TPS22921, TPS22922, and TPS22922B are ultra-low
• Ultra-Low Shutdown Current: 35 nA at 1.8 V
rON
load
switches
with
controlled
turn
on.
TPS22921/2/2B contain an ultra-low rON P-channel
• Low Threshold Control Input Enable the use of
MOSFET that can operate over an input voltage
1.2V/1.8V/2.5V/3.3V Logic
range of 0.9 V to 3.6 V. The switch is controlled by an
• Controlled Slew Rate to Avoid Inrush Currents
on/off input (ON), which is capable of interfacing
–
TPS22921 and TPS22922: 30
µS
directly with low-voltage control signals. In TPS22922
and in TPS22922B, a 120-
Ω on-chip load resistor is
–
TPS22922B: 200
µS
added for output quick discharge when switch is
• ESD Performance Tested Per JESD 22
turned off. The rise time (slew rate) of the device is
–
3000-V Human-Body Model
internally controlled in order to avoid inrush current:
(A114-B, Class II)
TPS22921 and TPS22922 feature a 30
µs rise time
whereas TPS22922B is 200
µs.
–
1000-V Charged-Device Model (C101)
• Six Terminal Wafer-Chip-Scale Package
TPS22921, TPS22922, and TPS22922B feature ultra
low quiescent and shutdown current and are available
–
0.9 mm × 1.4 mm, 0.5 mm Pitch,
in
space-saving
6-terminals
wafer-chip-scale
0.5 mm Height
packages (WCSP: YZP with 0.5-mm pitch and YFP
–
0.8 mm × 1.2 mm, 0.4 mm Pitch,
with 0.4-mm pitch) which make it ideal for portable
0.5 mm Height
electronics.
The
devices
are
characterized
for
operation over the free-air temperature range of
–40°C to 85°C.
TERMINAL ASSIGNMENTS
C
ON
GND
B
VIN
VOUT
A
VIN
VOUT
2
1
rON AT 1.8 V
SLEW RATE
QUICK OUTPUT
MAX OUTPUT
ENABLE
(TYP)
(TYP at 1.8V)
DISCHARGE(1)
CURRENT
TPS22921
33 m
Ω
30
µs
2 A
active high
TPS22922
33 m
Ω
30
µs
Yes
2 A
active high
TPS22922B
33 m
Ω
200
µs
Yes
2 A
active high
(1)
This feature discharges the output of the switch to ground through a 120-
Ω resistor, preventing the
output from floating.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2008, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS22921

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22921 TI-TPS22921 Datasheet
938Kb / 27P
LOW INPUT VOLTAGE, ULTRA-LOW rON LOAD SWITCHES
TPS22921 TI-TPS22921 Datasheet
925Kb / 27P
LOW INPUT VOLTAGE,ULTRA-LOW ron LOAD SWITCHES
TPS22921 TI2-TPS22921 Datasheet
1Mb / 37P
TPS2292x 3.6-V, 2-A, 14-mΩ ON-Resistance Load Switch With Controlled Turnon
REVISED JANUARY 2015
TPS22921YFPR TI-TPS22921YFPR Datasheet
938Kb / 27P
LOW INPUT VOLTAGE, ULTRA-LOW rON LOAD SWITCHES
TPS22921YFPR TI-TPS22921YFPR Datasheet
925Kb / 27P
LOW INPUT VOLTAGE,ULTRA-LOW ron LOAD SWITCHES
More results

Similar Description - TPS22921

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22921 TI-TPS22921 Datasheet
938Kb / 27P
LOW INPUT VOLTAGE, ULTRA-LOW rON LOAD SWITCHES
TPS22924C TI-TPS22924C Datasheet
1Mb / 17P
ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
TPS22901 TI-TPS22901 Datasheet
707Kb / 25P
ULTRA SMALL, LOW INPUT VOLTAGE, LOW rON, LOAD SWITCHES
TPS22921 TI-TPS22921_09 Datasheet
925Kb / 27P
LOW INPUT VOLTAGE,ULTRA-LOW ron LOAD SWITCHES
TPS22924CYZPRB TI1-TPS22924CYZPRB Datasheet
964Kb / 20P
ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
logo
Global Mixed-mode Techn...
G5178A GMT-G5178A Datasheet
74Kb / 1P
Ultra Small, Low Input Voltage, Low RON, Load Switch
logo
Unisonic Technologies
US2236090D UTC-US2236090D Datasheet
185Kb / 5P
ULTRA-SMALL, LOW-INPUT VOLTAGE LOW RON LOAD SWITCH
US2236095 UTC-US2236095 Datasheet
151Kb / 6P
ULTRA SMALL, LOW INPUT VOLTAGE, LOW RON, LOAD SWITCHES
US2236095D UTC-US2236095D Datasheet
159Kb / 6P
ULTRA SMALL, LOW INPUT VOLTAGE, LOW RON, LOAD SWITCHES
US2236095DB UTC-US2236095DB Datasheet
149Kb / 6P
ULTRA SMALL, LOW INPUT VOLTAGE, LOW RON, LOAD SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com