Electronic Components Datasheet Search
  English  ▼

X  

CDCE706 Datasheet(PDF) 16 Page - Texas Instruments

Part # CDCE706
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER/MULTIPLIER/DIVIDER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE706 Datasheet(HTML) 16 Page - Texas Instruments

Back Button CDCE706_10 Datasheet HTML 12Page - Texas Instruments CDCE706_10 Datasheet HTML 13Page - Texas Instruments CDCE706_10 Datasheet HTML 14Page - Texas Instruments CDCE706_10 Datasheet HTML 15Page - Texas Instruments CDCE706_10 Datasheet HTML 16Page - Texas Instruments CDCE706_10 Datasheet HTML 17Page - Texas Instruments CDCE706_10 Datasheet HTML 18Page - Texas Instruments CDCE706_10 Datasheet HTML 19Page - Texas Instruments CDCE706_10 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
PLL1
XO
or
2LVCMOS
or
Differential
Input
MUX
MUX
PLL3
PFD
Filter
VCO
PLL2
w/SSC
PFD
Filter
VCO
S0/CLK_SEL
S1
SCLOCK
OutputSwitchMatrix
LV
CMOS
LV
CMOS
EEPROM
LOGIC
SMBUS
LOGIC
PFD
Filter
VCO
SDATA
Y0
Y1
f
=225.792MHz
VCO3
f
=250MHz
VCO2
f
=216MHz
VCO1
MUX
P0-Div
10
DividerN
8
DividerM
27
DividerN
250
DividerM
375
DividerN
3136
CLK_IN1
CLK_IN0
LV
CMOS
LV
CMOS
Y2
Y3
LV
CMOS
LV
CMOS
Y4
Y5
SSC
Off
B0336-01
14pF
14pF
P1-Div
20
P3-Div
9
P4-Div
32
P5-Div
4
27MHz
27MHz
27MHz
27MHz
27MHz
27MHz
DividerM
1
P2-Div
8
in
out
out
f
N
27 MHz 8
f
, i.e., f
27 MHz
M P
(1 8)
´
´
=
=
=
´
´
(1)
CDCE706
SCAS815I – OCTOBER 2005 – REVISED NOVEMBER 2008 ........................................................................................................................................... www.ti.com
NOTE: All outputs are enabled and in noninverting mode. S0, S1, and SSC comply according the default setting described in
byte 10 and byte 25.
Figure 13. Default Device Setting
The output frequency can be calculated:
16
Submit Documentation Feedback
Copyright © 2005–2008, Texas Instruments Incorporated
Product Folder Link(s): CDCE706



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com