Electronic Components Datasheet Search
  English  ▼

X  

CDCE706 Datasheet(PDF) 22 Page - Texas Instruments

Part # CDCE706
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER/MULTIPLIER/DIVIDER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE706 Datasheet(HTML) 22 Page - Texas Instruments

Back Button CDCE706_10 Datasheet HTML 18Page - Texas Instruments CDCE706_10 Datasheet HTML 19Page - Texas Instruments CDCE706_10 Datasheet HTML 20Page - Texas Instruments CDCE706_10 Datasheet HTML 21Page - Texas Instruments CDCE706_10 Datasheet HTML 22Page - Texas Instruments CDCE706_10 Datasheet HTML 23Page - Texas Instruments CDCE706_10 Datasheet HTML 24Page - Texas Instruments CDCE706_10 Datasheet HTML 25Page - Texas Instruments CDCE706_10 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
FUNCTIONAL DESCRIPTION
Clock Inputs (CLK_IN0 and CLK_IN1)
XO
or
2LVCMOS
or
Differential
Input
CLK_IN0
CLK_IN1
InputSourceSelect
(FromEEPROM)
C
X0
C
X1
Crystal
Unit
C
ICB
C
ICB
S0377-01
CDCE706
SCAS815I – OCTOBER 2005 – REVISED NOVEMBER 2008 ........................................................................................................................................... www.ti.com
The CDCE706 features two clock inputs which can be used as:
• Crystal oscillator input (default setting)
• Two independent single-ended LVCMOS inputs
• Differential signal input
The dedicated clock input can be selected by the input signal source bits [7:6] of byte 11.
Crystal Oscillator Inputs
The input frequency range in crystal mode is 8 MHz to 54 MHz. The CDCE706 uses Pierce-type oscillator
circuitry with included feedback resistance for the inverting amplifier. The user, however, must add external
capacitors (CX0, CX1) to match the input load capacitor from the crystal (see Figure 14). The required values can
be calculated:
CX0 = CX1 = 2 × CL – CICB,
where CL is the crystal load capacitor as specified for the crystal unit and CICB is the input capacitance of the
device, including the board capacitance (stray capacitance of PCB).
For example, for a fundamental 27-MHz crystal with CL of 9 pF and CICB of 4 pF,
CX0 = CX1 = (2 × 9 pF) – 3 pF = 15 pF.
It is important to use a short PCB trace from the device to the crystal unit to keep the stray capacitance of the
oscillator loop to a minimum.
Figure 14. Crystal Input Circuitry
In order to ensure stable oscillation, a certain drive power must be applied. The CDCE706 features an input
oscillator with adaptive gain control, which relieves the user of manually programming the gain. Additionally,
adaptive gain control eliminates the use of external resistors to compensate the ESR of the crystal. The drive
level is the amount of power dissipated by the oscillating crystal unit and is usually specified in terms of power
dissipated by the resonator (equivalent series resistance (ESR)). Figure 15 gives the resulting drive level vs
crystal frequency and ESR.
22
Submit Documentation Feedback
Copyright © 2005–2008, Texas Instruments Incorporated
Product Folder Link(s): CDCE706



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com