Electronic Components Datasheet Search
  English  ▼

X  

CDCE706 Datasheet(PDF) 19 Page - Texas Instruments

Part # CDCE706
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER/MULTIPLIER/DIVIDER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE706 Datasheet(HTML) 19 Page - Texas Instruments

Back Button CDCE706_10 Datasheet HTML 15Page - Texas Instruments CDCE706_10 Datasheet HTML 16Page - Texas Instruments CDCE706_10 Datasheet HTML 17Page - Texas Instruments CDCE706_10 Datasheet HTML 18Page - Texas Instruments CDCE706_10 Datasheet HTML 19Page - Texas Instruments CDCE706_10 Datasheet HTML 20Page - Texas Instruments CDCE706_10 Datasheet HTML 21Page - Texas Instruments CDCE706_10 Datasheet HTML 22Page - Texas Instruments CDCE706_10 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
CDCE706
www.ti.com ........................................................................................................................................... SCAS815I – OCTOBER 2005 – REVISED NOVEMBER 2008
Byte 11, Bits [7:6]: Input Signal Source(1)
IS1
IS0
Function
Default(2)
0
0
CLK_IN0 is the crystal oscillator input, and CLK_IN1 serves as the crystal oscillator output.
Yes
CLK_IN0 and CLK_IN1 are two LVCMOS inputs. CLK_IN0 or CLK_IN1 is selectable via the CLK_SEL
0
1
control pin.
1
0
CLK_IN0 and CLK_IN1 serve as differential signal inputs.
1
1
Reserved
(1)
In case the crystal input or differential clock input is selected, the input clock selection, byte 10, bit [4], is not relevant.
(2)
Unless customer-specific setting
Byte 12, Bit [6]: Power-Down Mode (Except SMBus)
PD
Power-Down Mode
Default(1)
0
Normal device operation
Yes
1
Power down(2)
(1)
Unless customer-specific setting
(2)
In power down, all PLLs and the clock-input stage go into power-down mode, all outputs are in the high-impedance state, all actual
register settings are maintained, and the SMBus stays active. The power-down mode overwrites the high-impedance state or low state
of the S0 and S1 settings in byte 10.
Bytes 13 to 18, Bit [6:0]: Outputs Switch Matrix 6 × 7-Bit Divider P0–P5
DIVYx6
DIVYx5
DIVYx4
DIVYx3
DIVYx2
DIVYx1
DIVYx0
Div by
Default(1)(2)
0
0
0
0
0
0
0
Not allowed
0
0
0
0
0
0
1
1
0
0
0
0
0
1
0
2
•
•
•
1
1
1
1
1
0
1
125
1
1
1
1
1
1
0
126
1
1
1
1
1
1
1
127
(1)
Unless customer-specific setting
(2)
Default settings of divider P0 = 10, P1 = 20, P2 = 8, P3 = 9, P4 = 32, and P5 = 4.
Bytes 19 to 24, Bits [5:4]: LVCMOS Output Rise/Fall Time Setting at Y0–Y5
SRCYx1
SRCYx0
Yx
Default(1)
0
0
Nominal +3 ns (tr0/tf0)
0
1
Nominal +2 ns (tr1/tf1)
1
0
Nominal +1 ns (tr2/tf2)
1
1
Nominal (tr3/tf3)
Yes
(1)
Unless customer-specific setting
Bytes 19 to 24, Bits [2:0]: Outputs Switch Matrix (6 × 6 Switch B) Divider (P0–P5) Selection for Outputs Y0–Y5
SWBYx2
SWBYx1
SWBYx0
Any Output Yx
Default(1)
0
0
0
Divider P0
0
0
1
Divider P1
0
1
0
Divider P2
Y0, Y1, Y2, Y3, Y4, Y5
0
1
1
Divider P3
1
0
0
Divider P4
1
0
1
Divider P5
1
1
0
Reserved
1
1
1
Reserved
(1)
Unless customer-specific setting
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): CDCE706



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com