Electronic Components Datasheet Search
  English  ▼

X  

CDCE706 Datasheet(PDF) 30 Page - Texas Instruments

Part # CDCE706
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER/MULTIPLIER/DIVIDER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE706 Datasheet(HTML) 30 Page - Texas Instruments

Back Button CDCE706_10 Datasheet HTML 26Page - Texas Instruments CDCE706_10 Datasheet HTML 27Page - Texas Instruments CDCE706_10 Datasheet HTML 28Page - Texas Instruments CDCE706_10 Datasheet HTML 29Page - Texas Instruments CDCE706_10 Datasheet HTML 30Page - Texas Instruments CDCE706_10 Datasheet HTML 31Page - Texas Instruments CDCE706_10 Datasheet HTML 32Page - Texas Instruments CDCE706_10 Datasheet HTML 33Page - Texas Instruments CDCE706_10 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
Buffer
Sel
M
U
X
P-Div(0)Output
P-Div(1)Output
P-Div(2)Output
P-Div(3)Output
P-Div(4)Output
P-Div(5)Output
Yx
S1
P-DividerSelect
InversionSelect
Slew-RateControl
LowSelect
Enable/Disable
(Optional; All
OutputsLow
or3-State)
V
/V
CCOUT1
CCOUT2
B0338-01
Divby3
Inverting
SlewRate
LowSelect
Enable/Disable
Clock
T0410-01
CDCE706
SCAS815I – OCTOBER 2005 – REVISED NOVEMBER 2008 ........................................................................................................................................... www.ti.com
Figure 24. Block Diagram of Output Architecture
Figure 25. Example for Output Waveforms
All output settings are programmable via SMBus:
• Enable, disable, low-state via external control pins S0 and S1 → byte 10, bits[3:0]
• Enable or disable-to-low → bytes 19 to 24, bit[3]
• Inverting/noninverting → bytes 19 to 24, bit[6]
• Slew-rate control → bytes 19 to 24, bits[5:4]
• Output swing → external pins V
CCOUT1 (pin 14) and VCCOUT2 (pin 18)
30
Submit Documentation Feedback
Copyright © 2005–2008, Texas Instruments Incorporated
Product Folder Link(s): CDCE706



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com