Electronic Components Datasheet Search
  English  ▼

X  

CDCE706 Datasheet(PDF) 23 Page - Texas Instruments

Part # CDCE706
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER/MULTIPLIER/DIVIDER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE706 Datasheet(HTML) 23 Page - Texas Instruments

Back Button CDCE706_10 Datasheet HTML 19Page - Texas Instruments CDCE706_10 Datasheet HTML 20Page - Texas Instruments CDCE706_10 Datasheet HTML 21Page - Texas Instruments CDCE706_10 Datasheet HTML 22Page - Texas Instruments CDCE706_10 Datasheet HTML 23Page - Texas Instruments CDCE706_10 Datasheet HTML 24Page - Texas Instruments CDCE706_10 Datasheet HTML 25Page - Texas Instruments CDCE706_10 Datasheet HTML 26Page - Texas Instruments CDCE706_10 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
f − Frequency − MHz
0
10
20
30
40
50
60
70
80
90
100
5
10
15
20
25
30
35
40
45
50
55
G005
CL = 18 pF
V(pk) = 300 mV
21 W
ESR = 60
ESR = 50
ESR = 40
ESR = 30
ESR = 25
ESR = 15
XO
or
2LVCMOS
or
Differential
Input
CLK_IN0
CLK_IN1
CLK_SEL
(1)
InputSourceSelect
(FromEEPROM)
S0378-01
CDCE706
www.ti.com ........................................................................................................................................... SCAS815I – OCTOBER 2005 – REVISED NOVEMBER 2008
Figure 15. Crystal Drive Power
For example, if a 27-MHz crystal with ESR of 50
Ω is used and 2 × CL is 18 pF, the drive power is 21 µW. Drive
level should be held to a minimum to avoid overdriving the crystal. The maximum power dissipation is specified
for each type of crystal in the oscillator specifications, i.e., 100
µW for the example above.
Single-Ended LVCMOS Clock Inputs
When selecting the LVCMOS clock mode, CLK_IN0 and CLK_IN1 act as regular clock input pins and can be
driven up to 200 MHz. Both clock input circuits are equal in design and can be used independently of each other
(see Figure 16). The internal clock select bit, byte 10, bit [4], selects one of the two input clocks. CLK_IN0 is the
default selection. There is also the option to program the external control pin S0/A0/CLK_SEL as the clock-select
pin, byte 10, bits [1:0].
The two clock inputs can be used for redundancy switching, i.e., to switch between a primary clock and
secondary clock. Note that a phase difference between the clock inputs may require PLL correction. Also, in case
of different frequencies between the primary and secondary clock, the PLL must re-lock to the new frequency.
(1)
CLK_SEL is optional and can be configured by EEPROM setting.
Figure 16. LVCMOS Clock Input Circuitry
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): CDCE706



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com