Electronic Components Datasheet Search
  English  ▼

X  

RF2152 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2152
Description  DUAL-MODE CDMA/AMPS OR TDMA/AMPS 3V POWER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2152 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2152 Datasheet HTML 1Page - RF Micro Devices RF2152 Datasheet HTML 2Page - RF Micro Devices RF2152 Datasheet HTML 3Page - RF Micro Devices RF2152 Datasheet HTML 4Page - RF Micro Devices RF2152 Datasheet HTML 5Page - RF Micro Devices RF2152 Datasheet HTML 6Page - RF Micro Devices RF2152 Datasheet HTML 7Page - RF Micro Devices RF2152 Datasheet HTML 8Page - RF Micro Devices RF2152 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2-156
RF2152
Rev A8 001109
2
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage (RF off)
+8.0
VDC
Supply Voltage (POUT≤31dBm)
+5.2
VDC
DC Supply Current
1.0
A
Mode Voltage (VMODE)+3.0
VDC
Control Voltage (VPD)+3.0
VDC
Input RF Power
+12
dBm
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Moisture Sensitivity
JEDEC LEVEL 5
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
T = 25°C, VCC=3.4V, VPD=2.8V,
Freq=824MHz to 849MHz, unless otherwise
specified
Usable Frequency Range
800
960
MHz
Typical Frequency Range
824-849
877-925
MHz
MHz
Linear Gain
28
30
33
dB
Pout=28dBm
Second Harmonic (including
second harmonic trap)
-32
-38
-42
dBc
Max CW Output Power
31
31.5
32
dBm
Tuned for CDMA
Total Efficiency (AMPS mode)
40
45
55
%
Maximum Linear Output Power
(CDMA Modulation)
28
28.5
29
dBm
Tuned for CDMA
Total Linear Efficiency
30
35
38
%
Adjacent Channel Power Rejec-
tion
-44
-46
-50
dBc
ACPR@885kHz
Adjacent Channel Power Rejec-
tion
-56
-58
-62
dBc
ACPR@1980kHz
Input VSWR
< 2:1
Output Load VSWR
10:1
No oscillations
Noise Figure
5.9
6.0
6.1
dB
VCC=3.4V
Noise Power POUT=15dBm
POUT=28dBm
POUT=31dBm
86.5
89.3
92.3
dBm
dBm
dBm
VCC=3.4V; 30KHz BW; RX Band NP mea-
sured from TX center band to RX center
band
Power Supply
Power Supply Voltage
3.0
3.4
5.2
V
Idle current
90
mA
MODE = low Pin 16=Ground AMPS/Low
Power CDMA Modes
Idle current
200
mA
MODE = high Pin 16=2.8V High Power
CDMA Mode (Pout>20dBm)
VPD current
10
mA
Pins7,8, Vpd=2.8V (Pin 7 typ. not connected,
I=5mA for Pin 8)
Turn On/Off time
<100
ns
Total Current (Power down)
10
µAV
PD = low
VPD “Low” Voltage
0
0.2
V
VPD “High” Voltage
2.7
2.8
2.9
V
MODE “High” Voltage
2.1
2.8
2.9
MODE “Low” Voltage
0
0.5
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).
Refer to “Handling of PSOP and PSSOP Products”
on page 16-15 for special handling information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com