Electronic Components Datasheet Search
  English  ▼

X  

RF2152 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2152
Description  DUAL-MODE CDMA/AMPS OR TDMA/AMPS 3V POWER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2152 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2152 Datasheet HTML 1Page - RF Micro Devices RF2152 Datasheet HTML 2Page - RF Micro Devices RF2152 Datasheet HTML 3Page - RF Micro Devices RF2152 Datasheet HTML 4Page - RF Micro Devices RF2152 Datasheet HTML 5Page - RF Micro Devices RF2152 Datasheet HTML 6Page - RF Micro Devices RF2152 Datasheet HTML 7Page - RF Micro Devices RF2152 Datasheet HTML 8Page - RF Micro Devices RF2152 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
2-157
RF2152
Rev A8 001109
2
Pin
Function
Description
Interface Schematic
1VCC
Power supply for input bias circuitry. A 100 pF high frequency bypass
capacitor is recommended.
2LTUNE
Interstage tuning. This pin will connect to a shunt inductor used for
interstage tuning. For 824MHz to 849MHz a 1.5nH discrete inductor is
used; for 877MHz to 925MHz a shorted transmission line presenting
0.7 nH of inductance or discrete inductor may be used. This inductor
should be placed as close to the pin as possible.
3NC
No connection. Grounding pin is recommended.
4VCC1
Power supply for stage 1. VCC should be fed through a 25nH or greater
inductor with a decoupling capacitor on the VCC side.
See pin 6.
5GND1
Ground for stage 1. Keep traces physically short and connect immedi-
ately to ground plane for best performance. This ground should be iso-
lated from the backside ground contact.
See pin 6.
6RF IN
RF input. An external DC blocking capacitor is required if this port is
connected to a DC path to ground or a DC voltage.
7
VPD
Power Down control. When this pin is “low”, all circuits are shut off.
When this pin is 2.8 volts, all circuits are operating normally. VPD
requires a regulated 2.8 V for the amplifier to operate properly over all
specified temperature and voltage ranges. A dropping resistor from a
higher regulated voltage may be used to provide the required 2.8 V. A
100 pF high frequency bypass capacitor is recommended.
8
VPD
Connect to pin 7.
9NC
No connection. Grounding pin is recommended.
10
NC
No connection. Grounding pin is recommended.
11
NC
No connection. Grounding pin is recommended.
12
RF OUT
RF output and power supply for the output stage. The bias for the out-
put stage is provided through this pin and pin 13. An external matching
network is required to provide the optimum load impedance; see the
application schematics for details. The first shunt cap of the matching
circuit should be placed as close to the pin as possible.
13
RF OUT
Same as pin 12.
See pin 12.
14
RF OUT
Harmonic trap. This pin connects to the RF output but is used for pro-
viding a low impedance to the second harmonic of the operating fre-
quency. An inductor or transmission line resonating with a shunt
capacitor at 2f0 is connected to this pin.
See pin 12.
15
NC
No connection. Grounding pin is recommended.
16
MODE
The mode pin allows higher efficiency operation in AMPS and low
power CDMA modes. MODE should be set “low” for highest efficiency
in AMPS/TACS and in low power (<+15 dBm) CDMA operation. MODE
should be set “high” for best linearity in high power CDMA operation.
Pkg
Base
GND
Ground connection. The backside of the package should be soldered to
a top side ground pad which is connected to the ground plane with mul-
tiple vias. The pad should have a short thermal path to the ground
plane.
GND1
RF IN
VCC1
From Bias
Stages
RF OUT
From Bias
Stages
MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com