Electronic Components Datasheet Search
  English  ▼

X  

RF2152 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2152
Description  DUAL-MODE CDMA/AMPS OR TDMA/AMPS 3V POWER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2152 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2152 Datasheet HTML 1Page - RF Micro Devices RF2152 Datasheet HTML 2Page - RF Micro Devices RF2152 Datasheet HTML 3Page - RF Micro Devices RF2152 Datasheet HTML 4Page - RF Micro Devices RF2152 Datasheet HTML 5Page - RF Micro Devices RF2152 Datasheet HTML 6Page - RF Micro Devices RF2152 Datasheet HTML 7Page - RF Micro Devices RF2152 Datasheet HTML 8Page - RF Micro Devices RF2152 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
!
2-155
2
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7625 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VCC
LTUNE
NC
VCC1
GND1
RF IN
VPD
VPD
MODE
NC
RF OUT
RF OUT
RF OUT
NC
NC
NC
BIAS
CIRCUITS
PACKAGE BASE
GND
RF2152
DUAL-MODE CDMA/AMPS OR TDMA/AMPS
3V POWER AMPLIFIER
• 3V CDMA/AMPS Cellular Handsets
• 3V JCDMA/TACS Cellular Handsets
• 3V TDMA/AMPS Cellular Handsets
• Spread-Spectrum Systems
• CDPD Portable Data Cards
• Portable Battery-Powered Equipment
The RF2152 is a high-power, high-efficiency linear ampli-
fier IC targeting 3V handheld systems. The device is
manufactured on an advanced Gallium Arsenide Hetero-
junction Bipolar Transistor (HBT) process, and has been
designed for use as the final RF amplifier in dual-mode
3 V CDMA/AMPS handheld digital cellular equipment,
spread-spectrum systems, and other applications in the
800MHz to 950MHz band. The device is self-contained
with 50
Ω input and the output can be easily matched to
obtain optimum power, efficiency, and linearity character-
istics. The package is a PSSOP-16 with backside ground.
• Single 3V Supply
• 28dBm Linear Output Power
• 30dB Linear Gain
• 35% Linear Efficiency
• On-board Power Down Mode
• 800MHz to 960MHz Operation
RF2152
Dual-Mode CDMA/AMPS or TDMA/AMPS 3V Power
Amplifier
RF2152 PCBA-N Fully Assembled Evaluation Board 824-849MHz
RF2152 PCBA-J
Fully Assembled Evaluation Board 877-924MHz
2
Rev A8 001109
.059
.051
.197
.189
.244
.228
.030
.018
8 °MAX
0°MIN
.009
.008
.157
.150
.012
.008
1
EXPOSED
HEATSINK
.003
.001
.025
.062
.070
.102
.110
Refer to “Handling of PSOP and PSSOP Products” on page 16-15
for special handling information.
Package Style: PSSOP-16


Similar Part No. - RF2152

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2153 RFMD-RF2153 Datasheet
287Kb / 12P
CDMA/TDMA/PACS 1900MHZ 3V POWER AMPLIFIER
RF2153PCBA RFMD-RF2153PCBA Datasheet
287Kb / 12P
CDMA/TDMA/PACS 1900MHZ 3V POWER AMPLIFIER
RF2155 RFMD-RF2155 Datasheet
91Kb / 8P
3V PROGRAMMABLE GAIN POWER AMPLIFIER
RF2155 RFMD-RF2155 Datasheet
109Kb / 7P
3V PROGRAMMABLE GAIN POWER AMPLIFIER
RF2155 RFMD-RF2155 Datasheet
219Kb / 10P
3V PROGRAMMABLE GAIN POWER AMPLIFIER
More results

Similar Description - RF2152

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ9132B TRIQUINT-TQ9132B Datasheet
192Kb / 8P
3V Cellular TDMA/AMPS Power Amplifier IC
logo
RF Micro Devices
RF2153 RFMD-RF2153 Datasheet
287Kb / 12P
CDMA/TDMA/PACS 1900MHZ 3V POWER AMPLIFIER
RF2157 RFMD-RF2157 Datasheet
192Kb / 10P
PCS CDMA/TDMA 3V POWER AMPLIFIER
logo
Siemens Semiconductor G...
CGY81 SIEMENS-CGY81 Datasheet
247Kb / 12P
GaAs MMIC (Tri mode power amplifier for AMPS/ CDMA /TDMA portable cellular phones)
logo
ANADIGICS, Inc
AWT6111 ANADIGICS-AWT6111 Datasheet
79Kb / 4P
CDMA/AMPS Power Amplifier
Rev 0
logo
Zarlink Semiconductor I...
MGCT04 ZARLINK-MGCT04 Datasheet
343Kb / 12P
Transmit Circuit for TDMA/AMPS and CDMA/AMPS
logo
Agilent(Hewlett-Packard...
ACPM-7813 HP-ACPM-7813 Datasheet
183Kb / 21P
CDMA/AMPS Power Amplifier Module
logo
ANADIGICS, Inc
AWT6105 ANADIGICS-AWT6105 Datasheet
414Kb / 16P
Cellular Dual Mode AMPS/CDMA
REV 1.2
logo
Zarlink Semiconductor I...
MGCR01 ZARLINK-MGCR01 Datasheet
320Kb / 12P
Dual Mode IF Receiver for TDMA/AMPS and CDMA/AMPS
logo
Broadcom Corporation.
ACPM-7813 BOARDCOM-ACPM-7813 Datasheet
205Kb / 20P
CDMA/AMPS Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com