Electronic Components Datasheet Search
  English  ▼

X  

RF2152 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF2152
Description  DUAL-MODE CDMA/AMPS OR TDMA/AMPS 3V POWER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2152 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF2152 Datasheet HTML 3Page - RF Micro Devices RF2152 Datasheet HTML 4Page - RF Micro Devices RF2152 Datasheet HTML 5Page - RF Micro Devices RF2152 Datasheet HTML 6Page - RF Micro Devices RF2152 Datasheet HTML 7Page - RF Micro Devices RF2152 Datasheet HTML 8Page - RF Micro Devices RF2152 Datasheet HTML 9Page - RF Micro Devices RF2152 Datasheet HTML 10Page - RF Micro Devices RF2152 Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
2-161
RF2152
Rev A8 001109
2
Evaluation Board Schematic
877MHz to 924MHz
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
BIAS
CIRCUITS
R3
0
R4 OPEN
VPD
C7
3.3
µF
C8
100 pF
C6
100 pF
L1
47 nH
C3
100 pF
C12
1 pF
C9
8 pF
C10
6 pF
C11
100 pF
R2
0
MODE
C15
100 pF
C14
3.3
µF
C2
100 pF
C1
3.3
µF
C4
100 pF
·The position of C10 can be used to trade-off
efficiency and linearity.
·R3 and R4 may be used for bias adjustment.
50
RF IN
375 mil
50
RF OUT
VCC
20 nH
1 nH
0.7 nH
(PCB mat'l: FR-4;
Four Layer: 31 mil; 9 mil core)
PACKAGE BASE
C13
1 pF
P1-1
P1-3
P1
VCC
GND
1
2
3
PD
2152401-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com