Electronic Components Datasheet Search
  English  ▼

X  

RF2152 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RF2152
Description  DUAL-MODE CDMA/AMPS OR TDMA/AMPS 3V POWER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2152 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RF2152 Datasheet HTML 4Page - RF Micro Devices RF2152 Datasheet HTML 5Page - RF Micro Devices RF2152 Datasheet HTML 6Page - RF Micro Devices RF2152 Datasheet HTML 7Page - RF Micro Devices RF2152 Datasheet HTML 8Page - RF Micro Devices RF2152 Datasheet HTML 9Page - RF Micro Devices RF2152 Datasheet HTML 10Page - RF Micro Devices RF2152 Datasheet HTML 11Page - RF Micro Devices RF2152 Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
2-164
RF2152
Rev A8 001109
2
ACPR (@885 kHz offset) versus Frequency
VCC = 3.5 V, VREG = 2.8 V, CDMA POUT = 28 dBm
-50.0
-49.0
-48.0
-47.0
-46.0
-45.0
-44.0
-43.0
-42.0
-41.0
-40.0
820.0
825.0
830.0
835.0
840.0
845.0
850.0
855.0
Frequency (MHz)
Lower -30 C
Upper -30 C
Lower + 25 C
Upper +25 C
Lower +85 C
ACPR (@1980 kHz offset) versus Frequency
VCC = 3.5 V, VREG = 2.8 V, CDMA POUT = 28 dBm
-68.0
-66.0
-64.0
-62.0
-60.0
-58.0
-56.0
-54.0
-52.0
820.0
825.0
830.0
835.0
840.0
845.0
850.0
855.0
Frequency (MHz)
Lower -30 C
Upper -30 C
Lower +25 C
Upper +25 C
Lower +85 C
Gain versus Frequency
VCC = 3.5 V, VREG = 2.8 V, CDMA POUT = 28 dBm
30.0
30.5
31.0
31.5
32.0
32.5
33.0
33.5
34.0
820.0
825.0
830.0
835.0
840.0
845.0
850.0
855.0
Frequency (MHz)
-30 C
+25 C
+85 C
PAE versus Frequency
VCC = 3.5 V, VPD = 2.8 V, CDMA POUT = 28 dBm
30.0
31.0
32.0
33.0
34.0
35.0
36.0
37.0
38.0
39.0
40.0
820.0
825.0
830.0
835.0
840.0
845.0
850.0
855.0
Frequency (MHz)
-30 C
+25 C
+85 C
ACPR (@885 kHz offset) versus Frequency
VCC = 3.0 V, VREG = 2.8 V, CDMA POUT = 27 dBm
-48.0
-47.0
-46.0
-45.0
-44.0
-43.0
-42.0
-41.0
-40.0
820.0
825.0
830.0
835.0
840.0
845.0
850.0
855.0
Frequency (MHz)
Lower -30 C
Upper -30 C
Lower +25 C
Upper +25 C
Lower +85 C
ACPR (@1908 kHz offset) versus Frequency
VCC = 3.0 V, VREG = 2.8 V, CDMA POUT = 27 dBm
-66.0
-64.0
-62.0
-60.0
-58.0
-56.0
-54.0
820.0
825.0
830.0
835.0
840.0
845.0
850.0
855.0
Frequency (MHz)
Lower -30 C
Upper -30 C
Lower +25 C
Upper +25 C
Lower +85 C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com