Electronic Components Datasheet Search
  English  ▼

X  

17559 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # 17559
Description  Micromotor Driver with Dual 3-Phase and Dual H-Bridge Outputs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

17559 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  17559 Datasheet HTML 1Page - Freescale Semiconductor, Inc 17559 Datasheet HTML 2Page - Freescale Semiconductor, Inc 17559 Datasheet HTML 3Page - Freescale Semiconductor, Inc 17559 Datasheet HTML 4Page - Freescale Semiconductor, Inc 17559 Datasheet HTML 5Page - Freescale Semiconductor, Inc 17559 Datasheet HTML 6Page - Freescale Semiconductor, Inc 17559 Datasheet HTML 7Page - Freescale Semiconductor, Inc 17559 Datasheet HTML 8Page - Freescale Semiconductor, Inc 17559 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
17559
TERMINAL CONNECTIONS
TERMINAL CONNECTIONS
Figure 3. 17559 Terminal Connections
Table 1. 17559 Terminal Definitions
A functional description of each terminal can be found in the Functional Terminal Description section beginning on page 10.
Terminal
Number
Terminal
Name
Terminal
Function
Formal Name
Definition
1
VI1
Input
Three-Phase Input VI1
Three-phase driver channel 1 V input terminal.
2
WI1
Input
Three-Phase Input WI1
Three-phase driver channel 1 W input terminal.
3
PGNDW1
Ground
Power Ground w1
Three-phase driver channel 1 W phase power ground terminal.
4
WO1
Output
Three-Phase Output WO1
Three-phase driver channel 1 W output terminal.
5
VMVW1
Power
Motor Driver Power Supply vw1
Three-phase driver channel 1 VW phase power supply
terminal.
6
VO1
Output
Three-Phase Output VO1
Three-phase driver channel 1 phase output terminal.
7
PGNDUV1
Ground
Power Ground uv1
Three-phase driver channel 1 UV phase power ground
terminal.
8
UO1
Output
Three-Phase Output UO1
Three-phase driver channel 1 U phase output terminal.
9
VMU1
Power
Motor Driver Power Supply u1
Three-phase driver channel 1 U phase power supply terminal.
10
VMR1
Power
Motor Driver Power Supply R2
H-Bridge driver channel 1 power supply terminal R.
11
RO1
Output
H-Bridge Output RO1
H-Bridge driver channel 1 reverse output terminal.
12
PGND1
Ground
Power Ground 1
H-Bridge driver channel 1 power ground terminal.
13
FO1
Output
H-Bridge Output FO1
H-Bridge driver channel 1 forward output terminal.
14
VMF1
Power
Motor Driver Power Supply F1
H-Bridge driver channel 1 power supply terminal F.
15
FI1
Input
Logic Input Control FI1
H-Bridge driver channel 1 forward input terminal.
16
RI1
Input
Logic Input Control RI1
H-Bridge driver channel 1 reverse input terminal.
RO1
VMR1
VMU1
UO1
PGNDUV1
VO1
VMVW1
WO1
PGNDW1
WI1
VI1
VMF1
FO1
PGND1
RO2
VMR2
VMU2
UO2
PGNDUV2
VO2
VMVW2
WO2
PGNDW2
WI2
VI2
VMF2
FO2
PGND2
MPC17559
1
2
3
4
5
6
7
8
9
10
11
12
13
14
42
41
40
39
38
37
36
35
34
33
32
31
30
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com