| Electronic Components Datasheet Search |
|
17559 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
17559 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc |
|
11 / 19 page ![]() Analog Integrated Circuit Device Data Freescale Semiconductor 11 17559 FUNCTIONAL DESCRIPTION LOGIC COMMAND REGISTERS VMF2, but they must be connected together on the printed circuit board. SUPPLY VOLTAGE (VDD) The VDD terminal carries the logic supply voltage and current into the logic sections of the 17559. The VDD has an undervoltage threshold. If the supply voltage drops between the undervoltage threshold, the output power stage switches to a tri-state condition. When the supply voltage returns to a level that is above the threshold, the power stage automatically resumes normal operation according to the established condition of the input terminals. GROUND (GND1 AND GND2) The GND1 and GND2 are main ground terminals for internal logic. They are connected internally. POWER INPUT (PWM) The pulse width modulation input provides a single input terminal to accomplish PWM modulation of the output pairs in accordance with the states of input conditions described in Table 7. LOGIC COMMAND REGISTERS Table 5. Operating Function OE Bias Circuit H Bridge Driver 3 Phase Driver Comparator L Stop Output “L” Output “L” 1* H Operation Operation Operation Operation L = Low. H = High. *1: CPUO1, CPVO1, CPWO1 Output = L, CPUO2, CPVO2, CPWO2 Output = H. Table 6. H-Bridge Driver Input Output OE FIn RIn FOn ROn L X X L L H L L L L H L H L H H H L H L H H H L L L = Low. H = High. X = Don’t care. Z = High impedance. Table 7. Three-Phase Driver Input Output OE UIn VIn WIn UOn VOn WOn L X X X L L L H L L L L L L H L L H Z L PWM H L H L L PWM Z |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |